Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196 Datasheet(PDF) 41 Page - ASIX Electronics Corporation

Part # AX88196
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196 Datasheet(HTML) 41 Page - ASIX Electronics Corporation

Back Button AX88196 Datasheet HTML 34Page - ASIX Electronics Corporation AX88196 Datasheet HTML 35Page - ASIX Electronics Corporation AX88196 Datasheet HTML 36Page - ASIX Electronics Corporation AX88196 Datasheet HTML 37Page - ASIX Electronics Corporation AX88196 Datasheet HTML 38Page - ASIX Electronics Corporation AX88196 Datasheet HTML 39Page - ASIX Electronics Corporation AX88196 Datasheet HTML 40Page - ASIX Electronics Corporation AX88196 Datasheet HTML 41Page - ASIX Electronics Corporation AX88196 Datasheet HTML 42Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
AX88196
10/100BASE Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
41
CLED
PHYAD3
RLED
TDN
R41
510
TXCLK
Set PHY ADDRESS TO 00011
R37
4.7K
TXD2
RDP
TXCLK
U8
DP83846A
59
58
55
54
52
51
38
39
40
41
44
45
60
61
36
37
67
66
57
65
12
14
64
3
7
23
73
2
9
13
15
18
19
76
79
50
46
16
17
11
10
1
5
8
20
21
22
47
63
68
69
70
71
74
75
77
78
80
6
48
34
42
53
56
4
24
49
72
43
35
62
33
32
31
30
29
28
27
26
25
TXD3
TXD2
TXD1
TXD0
TX_EN
TX_CLK
RXD3
RXD2
RXD1
RXD0
RX_DV
RX_CLK
COL
CRS/LED_CFG#
MDIO
MDC
X1
X2
IO_VDD
IO_VDD
ANA_VDD2
ANA_VDD3
IO_GND
RBIAS
ANA_VDD1
CORE_GND
CORE_GND
ANA_GND
ANA_GND
ANA_GND
ANA_GND
ANA_GND
SUB_GND
SUB_GND
SUB_GND
TX_ER
RX_ER/PAUSE_EN#
TD+
TD-
RD+
RD-
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
ANA_GND
CORE_GND
IO_GND
IO_GND
IO_GND
IO_GND
ANA_VDD
CORE_VDD
CORE_VDD
CORE_VDD
IO_VDD
IO_VDD
RESET#
LED_DPLX/PHY0
LED_COL/PHY1
LED_GDLNK/PHY2
LED_TX/PHY3
LED_RX/PHY4
LED_SPEED
AN_EN
AN_1
AN_0
SLED
RXER
R40
510
RLED
C52
0.1u
R42
510
R30
20
PHYAD1
3.3V
MDC
PCLK
R35
4.7K
MDIO
TXD3
RXDV
3.3V
MDIO
TDN
RXCLK
SLED
C47
0.1u
RXER
C54
0.1u
R44
510
TXD0
C46
0.1u
C50
0.1u
FLED
FLED
PHYAD4
Speed LED
LLED
PHYAD2
RDN
RDN
3.3V
3.3V
25MHZ
TXD0
D7
LED
C49
0.1u
RXD3
R38
9.31K
Transmit Activity : used R42.
Receive Activity
: used R44.
Transmit/Receive Activity : D6 & D8 & R43.
TLED
GND
R32
20
LLED
TDP
Activity LED
LLED
R34
4.7K
3.3V
RXD0
R39
4.7K
RXD1
TLED
RLED
L3
F.B.
3.3VA1
TXD2
3.3V
RXD2
CRS
C48
0.1u
RXD1
RXDV
3.3VA2
D5
LED
RESET#
TXEN
D6
1N4148
RXCLK
RXD2
TXD3
Link LED
D4
LED
TDP
MDC
L4
F.B.
R31
20
C51
0.1u
TXD1
D8
1N4148
TXEN
R43
510
C53
0.1u
CRS
RXD0
RXD3
R36
4.7K
R33
4.7K
COL
TLED
CLED
TXD1
PHYAD0
+
C45
47uF/16V
RDP
GND
COL
RST2#
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com