Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004FFQ Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXMS6004FFQ
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004FFQ Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXMS6004FFQ Datasheet HTML 1Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 2Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 3Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 4Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 5Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 6Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 7Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 8Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ZXMS6004FFQ
Document number: DS37132 Rev. 4 - 2
7 of 9
www.diodes.com
January 2016
© Diodes Incorporated
ZXMS6004FFQ
DMN2027USS
Typical Performance Characteristics (continued)
-50
0
50
100
150
200
250
300
0
2
4
6
8
10
12
-50
0
50
100
150
200
250
300
0
2
4
6
8
10
12
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
Switching Speed
V
IN
Time (s)
V
DS
I
D
=500mA
V
DS
V
IN
Switching Speed
Time (s)
I
D
=500mA
Typical Short Circuit Protection
V
IN
= 5V
V
DS
= 15V
R
D
= 0
Time (ms)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com