Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004FFQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMS6004FFQ
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004FFQ Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMS6004FFQ Datasheet HTML 1Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 2Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 3Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 4Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 5Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 6Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 7Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 8Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ZXMS6004FFQ
Document number: DS37132 Rev. 4 - 2
1 of 9
www.diodes.com
January 2016
© Diodes Incorporated
ZXMS6004FFQ
DMN2027USS
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
IntelliFET MOSFET
Product Summary
Continuous Drain Source Voltage: 60V
On-
State Resistance: 500mΩ
Nominal Load Current (VIN = 5V): 1.3A
Clamping Energy: 90mJ
Description
The ZXMS6004FFQ is a self-protected low side IntelliFET
™ MOSFET
with logic level input. It integrates overtemperature, overcurrent,
overvoltage (active clamp) and ESD protected logic level functionality.
The ZXMS6004FFQ is ideal as a general purpose switch driven from
3.3V or 5V microcontrollers in harsh environments where standard
MOSFETs are not rugged enough.
Applications
Especially Suited for Loads with a High In-Rush Current such as
Lamps and Motors
All Types of Resistive, Inductive and Capacitive Loads in
Switching Applications
μC Compatible Power Switch for 12V and 24V DC Applications
Automotive Rated
Replaces Electromechanical Relays and Discrete Circuits
Linear Mode Capability
– the current-limiting protection circuitry
is designed to de-activate at low VDS to minimize on state power
dissipation. The maximum DC operating current is therefore
determined by the thermal capability of the package/board
combination, rather than by the protection circuitry. This does not
compromise the product’s ability to self-protect at low VDS.
Features and Benefits
Compact High Power Dissipation Package
Low Input Current
Logic Level Input (3.3V and 5V)
Short Circuit Protection with Auto Restart
Overvoltage Protection (Active Clamp)
Thermal Shutdown with Auto Restart
Overcurrent Protection
Input Protection (ESD)
High Continuous Current Rating
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT23F
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish
Weight: 0.012 grams (Approximate)
Ordering Information (Note 5)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
ZXMS6004FFQTA
1K6
7
12
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q10x qualified and are PPAP capable. Refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Top View
SOT23F
Top view
Pin Out
S
IN
D
IntelliFET is a trademark of Diodes Incorporated


Similar Part No. - ZXMS6004FFQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6004FFQ-7 DIODES-ZXMS6004FFQ-7 Datasheet
688Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
April 2022 Rev. 1 - 2
More results

Similar Description - ZXMS6004FFQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6006SG DIODES-ZXMS6006SG Datasheet
249Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
DS35141 Rev. 1 - 2
ZXMS6001N3 DIODES-ZXMS6001N3 Datasheet
205Kb / 10P
60V N-channel self protected enhancement mode
JANUARY 2008
ZXMS6002G DIODES-ZXMS6002G Datasheet
675Kb / 10P
60V N-Channel self protected enhancement mode
JUNE 2007
ZXMS6003G DIODES-ZXMS6003G Datasheet
789Kb / 10P
60V N-channel self protected enhancement mode
MARCH 2007
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
60V N-channel self protected enhancement mode
DECEMBER 2008
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6004DN8 DIODES-ZXMS6004DN8 Datasheet
424Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 2
ZXMS6004N8 DIODES-ZXMS6004N8 Datasheet
717Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 2
ZXMS6005DGQ DIODES-ZXMS6005DGQ Datasheet
253Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6005DT8Q DIODES-ZXMS6005DT8Q Datasheet
359Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com