Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004FFQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMS6004FFQ
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004FFQ Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMS6004FFQ Datasheet HTML 1Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 2Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 3Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 4Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 5Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 6Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 7Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 8Page - Diodes Incorporated ZXMS6004FFQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZXMS6004FFQ
Document number: DS37132 Rev. 4 - 2
3 of 9
www.diodes.com
January 2016
© Diodes Incorporated
ZXMS6004FFQ
DMN2027USS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Continuous Drain-Source Voltage
VDS
60
V
Drain-Source Voltage for Short Circuit Protection
VDS(SC)
36
V
Continuous Input Voltage
VIN
-0.5 ... +6
V
Continuous Input Current @-0.2V
≤ VIN ≤ 6V
Continuous Input Current @VIN < -0.2V or VIN > 6V
IIN
No limit
│IIN │≤2
mA
Pulsed Drain Current @VIN = 3.3V
IDM
2
A
Pulsed Drain Current @VIN = 5V
IDM
2.5
A
Continuous Source Current (Body Diode)
IS
1
A
Pulsed Source Current (Body Diode)
ISM
5
A
Unclamped Single Pulse Inductive Energy,
TJ = +25°C, ID = 0.5A, VDD = 24V
EAS
90
mJ
Electrostatic Discharge (Human Body Model)
VESD
4,000
V
Charged Device Model
VCDM
1,000
V
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Power Dissipation @TA = +25°C (Note 6)
Linear Derating Factor
PD
0.83
6.66
W
mW/°C
Power Dissipation @TA = +25°C (Note 7)
Linear Derating Factor
PD
1.5
12.0
W
mW/°C
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
150
C/W
Thermal Resistance, Junction to Ambient (Note 7)
RθJA
83
°C/W
Thermal Resistance, Junction to Case (Note 8)
RθJC
44
°C/W
Operating Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
6. For a device surface mounted on 15mm x 15mm single sided, 1oz weight copper on 1.6mm FR4 board, in still air conditions.
7. For a device surface mounted on 50mm x 50mm single sided, 2oz weight copper on 1.6mm FR4 board, in still air conditions.
8. Thermal resistance from junction and the mounting surfaces of the drain pins.
Recommended Operating Conditions
The ZXMS6004FF is optimized for use with µC operating from 3.3V and 5V supplies.
Characteristic
Symbol
Min
Max
Unit
Input Voltage Range
VIN
0
5.5
V
Ambient Temperature Range
TA
-40
+125
°C
High Level Input Voltage for MOSFET to be On
VIH
3
5.5
V
Low Level Input Voltage for MOSFET to be Off
VIL
0
0.7
V
Peripheral Supply Voltage (Voltage to which Load is Referred)
VP
0
36
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com