Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2TDU Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E5CZ-R2TDU
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2TDU Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E5CZ-R2TDU Datasheet HTML 7Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 8Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 9Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 10Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 11Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 12Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 13Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 14Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
E5CZ/E5CZ-U
11
Nomenclature
E5CZ
E5CZ-U
The front panel is the same for the E5CZ and E5CZ-U.
Dimensions
OMRON
Temperature unit
Operation indicators
No. 1 display
No. 2 display
Mode Key
Up Key
Level Key
Down Key
6
1.5
1.5
6
OMRON
OMRON
58
48.8
58
48
× 48
78
(84)
44.8
× 44.8
(91)
Mounting Adapter (Accessory)
(97)
48
48
× 48
Mounting Adapter (Accessory)
Waterproof Packing (Accessory)
Waterproof Packing (Accessory)
Terminal Cover (E53-COV17)
(Order separately)
E5CZ
Terminal Models
• Recommended panel thickness is
1 to 5 mm.
• Group mounting is not possible in
the vertical direction. (Maintain the
specified mounting space between
Controllers.)
• To mount the Controller so that it is
waterproof, insert the waterproof
packing onto the Controller.
• When two or more Controllers are
mounted, make sure that the
surrounding temperature does not
exceed the ambient operating
temperature given in the
specifications.
Note: The terminal block cannot be removed.
60 min.
+1.0
0
45
+0.6
0
45
+0.6
0
45
+0.6
0
Waterproofing is not possible
when group mounting
Controllers.
Panel Cutout
Individual Mounting
Group Mounting
60 min.
+1.0
0
45
+0.6
0
45
+0.6
0
Panel Cutout
Individual Mounting
Group Mounting
45
+0.6
0
48
× 48
6
70.5
14.2
(90.7)
58
48
44.8
× 44.8
Mounting Adapter (Accessory)
E5CZ-U
Plug-in Models
• Recommended panel thickness is
1 to 5 mm.
• Group mounting is not possible in
the vertical direction. (Maintain the
specified mounting space between
Controllers.)
• When two or more Controllers are
mounted, make sure that the
surrounding temperature does not
exceed the ambient operating
temperature given in the
specifications.
Note: There is no waterproof function for the E5CZ-U.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com