Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2TDU Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E5CZ-R2TDU
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2TDU Datasheet(HTML) 4 Page - Omron Electronics LLC

  E5CZ-R2TDU Datasheet HTML 1Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 2Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 3Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 4Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 5Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 6Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 7Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 8Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
E5CZ/E5CZ-U
4
Model Number Structure
Model Number Legend (Plug-in-type Controllers)
1. Output Type
R: Relay
Q: Voltage output (for driving SSR)
2. Number of Alarms
2: Two alarms
3. Input Type
T: Thermocouple, infrared sensor/platinum resistance
thermometer
4. Power Supply Voltage
Blank: 100 to 240 VAC
D:
24 VAC/VDC
5. Plug-in type
U: Plug-in type
Ordering Information (Plug-in-type Controllers)
Plug-in-Type Controllers
Accessories (Order Separately)
USB-Serial Conversion Cable
Terminal Cover
Waterproof Packing
Note: The Waterproof Packing is included with the Controller only for
models with terminal blocks.
Current Transformers (CTs)
Adapter
Note: Use this Adapter when the panel has been previously prepared
for the E5B
@.
Sockets (for Plug-in Models)
12
5
34
E5CZ-
@2T@U
Size
Power supply
voltage
Input type
Alarm output
Control output
Previous
model
New model
1/16 DIN
100 to 240 VAC
Thermocouple or
Resistance
thermometer
2
Relay output
None
E5CZ-R2TU
Voltage output (for driving SSR) None
E5CZ-Q2TU
24 VAC/VDC
Thermocouple or
Resistance
thermometer
2
Relay output
None
E5CZ-R2TDU
Voltage output (for driving SSR) None
E5CZ-Q2TDU
Model
E58-CIFQ1
Connectable models
Terminal block models
Model
E53-COV17
Model
Y92S-29
Hole diameter
Model
5.8 dia.
E54-CT1
12.0 dia.
E54-CT3
Connectable models
Model
Terminal block models
Y92F-45
Type
Model
Front-connecting Socket
P2CF-11
Front-connecting Socket with Finger Protection
P2CF-11-E
Back-connecting Socket
P3GA-11
Terminal Cover for Back-connecting socket with
Finger Protection
Y92A-48G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com