Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2TDU Datasheet(PDF) 56 Page - Omron Electronics LLC

Part # E5CZ-R2TDU
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2TDU Datasheet(HTML) 56 Page - Omron Electronics LLC

Back Button E5CZ-R2TDU Datasheet HTML 52Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 53Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 54Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 55Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 56Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 57Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 58Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 59Page - Omron Electronics LLC E5CZ-R2TDU Datasheet HTML 60Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
E5EZ-PRR
56
Wiring
Input should be connected to terminals 9, 10, and 11 depending on input type. Connect the open
side of the position proportional valve to OUT1, and connect the closed side to OUT2.
Settings
Select the value control type and perform floating control using Position-proportional value with travel
time
* of 45 seconds. Set SP ramp to change SP within a width of 10.0
°C/minute.
*Time from completely open to completely close.
The related setting data and settings are as follows:
Direct/ reverse operation
= or-r: Reverse operation (initial setting)
Closed/ floating
= flot: Floating (initial setting)
Travel time
= 45 seconds
SP ramp set value
= "10"
The travel time and SP ramp set value are set in the following, and the initial settings are used for
all other parameters.
1. Press the
key for at least 3 seconds to switch from the operation level to the initial setting
level.
2. Press the M key repeatedly to select "mot: Travel time". Press the U key to set the value to
"45".
3. Press the
key for at least 1 second to return to the “operation level”. When “present value/
set value/valve open percentage” is displayed, press the U key to set the set value to “250”.
4. Press the
key for less than 1 second to switch from operation level to adjustment level.
5. Press the M key repeatedly to select sprt: SP ramp set value. Press the U key, to set the
value to “10”.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20
21
22
CLOSE
OPEN
Valve
Position proportional valve
Ceramic kiln
(combustion)
Sensor
Burner
CW
O
in-t
5
l.ini
mot
30
l.ini
45
Travel time
SP ramp set value
Operation level
Adjustment level
10
sprt
0
l.adj
U
U
U
25
100.0
0
250
at
l.adj
off
Process value/ set value/
valve open percentage
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com