Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5AZ-R3T Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # E5AZ-R3T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AZ-R3T Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button E5AZ-R3T Datasheet HTML 22Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 23Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 24Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 25Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 26Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 27Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 28Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 29Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
E5
@Z
26
Operation
Setting Levels Diagram
This diagram shows all of the setting levels. To move to the advanced function setting level, you must enter passwords. Some parameters are not
displayed depending on the protect level setting and the conditions of use.
Control stops when you move from the operation level to the initial setting level.
Note: 1. Moves to operation level by software reset.
2. From the manual control level, key operations can be used to move to the operation level only.
Error Displays (Troubleshooting)
When an error occurs, the No.1 display shows the error code. Take necessary measure according to the error code, referring the table below.
Note: 1. If the input value exceeds the display limit (
−1999 to 9999), though it is within the control range,
will be displayed under
−1999 and
above 9999. Under these conditions, control output and alarm output will operate normally.
For details on the control range, refer to the E5CZ/E5CZ-U/E5AZ/E5EZ Digital Temperature Controllers User's Manual (Cat. No. H207).
2. These errors are displayed only when the PV/SP is displayed. Errors are not displayed in other display modes.
No. 1 display
Meaning
Action
Output status at error
Control
outputs
Alarm outputs
s.err (S. Err)
Input error
(See note 2.)
Check the wiring of inputs for miswiring, disconnections, and short-circuits and check the
input type.
OFF
Operates as
above the upper
limit.
A/D converter
error
(See note 2.)
Check for an input error and then cycle the power supply. If the same error is still
displayed, repairs will be necessary.
If the Temperature Controller is normal after cycling the power supply, the error may have
been caused by noise. Check for noise being generated nearby.
OFF
OFF
e111 (E111)
Memory error
Cycle the power supply. If the same error is still displayed, repairs will be necessary.
If the Temperature Controller is normal after cycling the power supply, the error may have
been caused by noise. Check for noise being generated nearby.
OFF
OFF
h.err (H. Err)
HB error
(See note 2.)
OFF
OFF
(See
note
2.)
(See
note 1.)
Power ON
Started in manual mode.
Manual
mode
Press the
O Key
for at least 1 s.
Press the
O Key for
at least 1 s; display
will flash.
Press the
Ol Key for
at least 3 s while
a-m
Manual Control
Level
Operation Level
Press the
O Key
for at
least 1 s.
Initial Setting Level
Press the
O Key
for at least 1 s.
Advanced Function
Setting Level
Input password.
Set value
−169
Press the
O Key less than 1 s.
Communi-
cations
Setting
Press the
O Key for at
least 1 s; display will flash.
Press the
O Key for at
least 3 s.
Control stops.
Press the
O Key for less than 1 s.
Adjustment Level
Press the
O
+
M Keys for
at least 1 s.
Press the
O +
M keys; display
will flash.
Press the
O +
M Keys for at
least 3 s. (See
note.)
Protect level
Note: The time taken to move
to the protect level can
be adjusted by
changing the "Move to
protect level time"
Control in progress
Level change
Not displayed for some models
Control stopped
Started in automatic mode.
a-m
C
25
100
C
25
100
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com