Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5AZ-R3T Datasheet(PDF) 28 Page - Omron Electronics LLC

Part # E5AZ-R3T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AZ-R3T Datasheet(HTML) 28 Page - Omron Electronics LLC

Back Button E5AZ-R3T Datasheet HTML 24Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 25Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 26Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 27Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 28Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 29Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 30Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 31Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 32Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
E5
@Z
28
Parameters
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
a-m
P
m-sp
0
P
25
C
25
0
C
sp-m
0
C
ct1
0.0
P
lcr1
0.0
P
r-s
run
P
al-1
0
C
al1h
0
C
al1l
0
C
al-2
0
C
al2h
0
C
al2l
0
C
al-3
0
C
al3h
0
C
al3l
0
C
o
0.0
P
c-o
0.0
P
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
cmwt
off
ct1
0.0
P
at
off
P
lcr1
0.0
P
hb1
0.0
P
hs1
50.0
P
sp-0
0
C
sp-1
0
C
sp-2
0
C
sp-3
0
C
ins
0.0
C
insh
0.0
C
p
8.0
C
i
233
P
d
40
P
c-sc
1.00
P
c-db
0.0
C
of-r
50.0
P
hys
1.0
C
chys
1.0
C
sprt
off
C
ol-h
105.0
P
ol-l
-5.0
P
M
M
M
M
M
M
M
psel
cwf
u-no
1
bps
9.6
len
7
sbit
2
prty
even
sdwt
20
M
M
M
oapt
0
P
icpt
1
P
wtpt
off
P
25
C
M
insl
0.0
C
Power ON
Starting in manual mode.
Manual control level
PID control
only
PV/MV
Press the
O Key for
at least 1 s
Press the
O Key for at
least 3 s. Displays other than
that for switching between
automatic and manual.
Adjustment Level
Press the
O Key less than 1 s.
Press the
O Key less than 1 s.
Operation Level
AT execute/cancel
Communications writing
Heater current 1 value
monitor
Leakage current 1
monitor
HS alarm 1
Heater burnout detection 1
SP 0
SP 3
SP 2
SP1
SP used by
multi-SP
Temperature input shift
1-point shift
Set either of these parameters.
Upper-limit temperature
input shift value
2-point shift
Lower-limit temperature
input shift value
Proportional band
Integral time
PID settings
Derivative time
Cooling coefficient
Heating/cool-
ing
Dead band
Manual reset value
Clear the offset during sta-
bilization of P or PD control.
Hysteresis (heating)
Hysteresis
settings
Hysteresis (cooling)
SP ramp set value
MV upper limit
MV lower limit
Process value
Added when Additional
PV display is ON.
Auto/manual switch
PID control only.
Added when auto/manual
select addition is ON.
Press the
OKey for
at least 3 s.
Multi-SP
set point setting
Heater current 1 value
monitor
Leakage current 1
monitor
RUN/STOP
Alarm value 1
Alarm value
upper limit 1
Alarm value
lower limit 1
Alarm value 2
Alarm value
upper limit 2
Alarm value
lower limit 2
Alarm value 3
Alarm value
upper limit 3
Alarm value
lower limit 3
MV monitor
(heating)
MV monitor
(cooling)
Press the
O and M Keys for at
least 3 s. Display flashes.
Press the
O and M Keys
for at least 1 s.
Press the
OKey
less than 1 s
Protect Level
Communications Setting Level
The time taken to move to the protect level can be
adjusted by changing the "Move to protect level
time" setting.
Starting in automatic
mode.
Process value/
set point
Displayed only for models with communications.
Changes are effective after cycling power or
after a software reset.
Operation/adjustment protect
Restricts displaying and
modifying menus in operation,
adjustment, and manual
control levels.
Initial setting/communications
protect
This protect level restricts
movement to the initial setting,
communications setting, and
advanced function setting levels.
Setting change protect
Protects changes to setups by
operating the front panel keys.
Protocol setting
Switches between CompoWay/F
(SYSWAY) and Modbus.
Communications Unit No.
Communications baud rate
CompoWay/F
(SYSWAY) only
Communications stop bits
Communications parity
Send data wait time
Set point during SP
ramp
Communications
data length
Some parameters are not displayed depending on the
model of the Controller and parameter settings. For details,
refer to the E5CZ/E5CZ-U/E5AZ/E5EZ Digital
Temperature Controllers User's Manual (Cat. No. H207).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com