Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5AZ-R3T Datasheet(PDF) 38 Page - Omron Electronics LLC

Part # E5AZ-R3T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AZ-R3T Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button E5AZ-R3T Datasheet HTML 34Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 35Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 36Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 37Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 38Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 39Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 40Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 41Page - Omron Electronics LLC E5AZ-R3T Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
E5EZ-PRR
38
Input Range
Thermocouples / Platinum Resistance Thermometer
The applicable standards for each of the above input ranges are as follows:
K, J, T, E, N, R, S, B: JIS C1602-1995, IEC 584-1
L:
Fe-CuNi, DIN 43710-1985
U:
Cu-CuNi, DIN 43710-1985
JPt100:
JIS C 1604-1989, JIS C 1606-1989
Pt100:
JIS C 1604-1997 IEC 751
Models with Analog Inputs
indicates factory settings.
Optional Functions
Parameters
Current [mA]
Voltage [V]
4 to 20
0 to 20
1 to 50 to 50 to 10
Set value
012
34
Minimum Setting Unit (Set Value, Alarm)
(Scaling, according to the location of the decimal point)
Type
Performance
RS-232C
Baud Rate: 1200/2400/4800/9600/19200bps
RS-485
Event Input
ON: Maximum of 1 K
Ω OFF: Minimum of 100 KΩ
Setting number
KT
JE
L
U
N
R
S
B
10
to
70°C
60
to
120°C
115
to
165°C
140
to
260°C
1800
1700
1600
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
−100
−200
21
0 to 50 mV
17
70
10
18
120
60
6
−20.0
500.0
5
−200
1300
12
−200
400
9
−200
400
0
10
600
11
−100
850
7
−100
850
13
−200
1300
14
0
1700
15
0
1700
16
100
1800
8
400.0
22
400.0
−199.9
23
400.0
−199.9
Pt100
JPt100
850
−200
0
100.0
0.0
2
500.0
1
−199.9
500.0
3
−199.9
100.0
4
0.0
19
165
115
20
260
140
Input type
ES1B Infrared
temperature sensor
Name
Platinum resistance
thermometer
Thermocouple
Analog input
Usable in the
following ranges
by scaling:
−1999 to 9999 or
−199.9 to 999.9
−20.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com