Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C320PC3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C320PC3
Description  IEC Contactors & Starters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C320PC3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C320PC3 Datasheet HTML 1Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 2Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 3Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 4Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 5Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 6Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
March 2008
34-314
For more information visit: www.eaton.com
CA08102001E
IEC Contactors & Starters
34
Freedom
Accessories
Auxiliary Contact Location
NEMA Sizes 00 – 2, IEC Sizes A – K
The sketches below illustrate the maximum number of auxil-
iary contacts that can be assembled to a contactor or starter
and their locations.
Table 34-399. Auxiliary Contacts
Available positions on contactors or starters other than what is factory
installed.
When a pneumatic timer is mounted on contactor, only side mounted
auxiliary contact positions are available. The solid-state timer, when
added, takes up side mounted auxiliary contact position.
Figure 34-171. Auxiliary Contact Location
NEMA Sizes 3 – 8, IEC Sizes L – Z
The sketches below illustrate the maximum number of auxil-
iary contacts that can be assembled to a contactor and their
locations.
Note: A Base Auxiliary Contact must be added in position R1 before
additional auxiliary contacts can be mounted on NEMA Size 3 and
IEC Sizes L – N, or in L1 on NEMA Sizes 4 – 5 and IEC Sizes P – S.
Table 34-400. Auxiliary Contacts
Available positions on contactors or starters other than what is factory
installed.
Figure 34-172. Auxiliary Contact Location
Catalog
Number
Size
Poles
Available Mounting Positions
Open Type
Enclosed
AE16
A – K
3
T1, L1
L1
AN16
00
0 – 2
3
3
T1, L1, R1
T1, L1
L1
L1
AE56
A – K
3
L1, R1
L1, R1
AN56
00 – 2
3
T1, T2
—
CE15
A – C
D – K
G – J
G – J
2 – 4
3
4
5
T1, L1, R1
T1, L1
T1, R1
T1
L1, R1
L1
—
—
CN15
00
0 – 2
1, 2
1, 2
2 – 4
2 – 3
4
5
T1, L1, R1
T1, L1
T1, L1
T1, L1
L1
L1
—
—
CN35
10A
20 – 60A
60A
60A
2 – 4
2 – 3
4
5
T1, L1, R1
T1, L1
T1, L1
T1, L1
L1
L1
—
—
CE55
A – K
3
L1, R1
L1, R1
CN55
00 – 2
3
T1, T2
—
L1
T1
T2
R1
L1
T1
T2
R1
L1
T1
Top View
Front View
L1
T1
R1
Front View
Reversing
Contactors and Starters
Non-reversing
Contactors and Starters
Top View
R1
Size
Available Mounting Positions
NEMA Size 3, IEC Sizes L – N
R2, R3, L1, L2, L3
NEMA Sizes 4 – 5, IEC Sizes P – S
L2, L3, R1, R2, R3
NEMA Sizes 6 – 7, IEC Sizes T – X
R1
NEMA Size 8, IEC Size Z
L2, R2
NEMA Sizes 6 – 7
IEC Sizes T, U, V, W and X
NEMA Sizes 3 – 5
IEC Sizes L – S
NEMA Size 8
IEC Size Z
L1
R1
L1
Front
of Contactor
Left Side
of Contactor
L2
Aux.
Cont.
L3
Aux.
Cont.
R2
Aux.
Cont.
R3
Aux.
Cont.
L1
Base
Aux.
Cont.
R1
Base
Aux.
Cont.
Right Side
of Contactor
R1
L2
R2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com