Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C320PC3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C320PC3
Description  IEC Contactors & Starters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C320PC3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C320PC3 Datasheet HTML 1Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 2Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 3Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 4Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 5Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 6Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
March 2008
CA08102001E
For more information visit: www.eaton.com
34-315
IEC Contactors & Starters
34
Freedom
Accessories
DC Magnet Coils
When Ordering Specify
Conversion Kit for Field Assembly
■ Catalog Number
Factory Installed DC Coil
■ For factory installed DC magnet coil
on AC contactors or non-combina-
tion starters (open type only), sub-
stitute the Code Suffix from table
below for the magnet coil identifier
in the device Catalog Number.
EXAMPLE: For Size 0 AC contactor
with a 24V DC coil, change
CN15BN3AC to CN15BN3T1C.
Application
■ Connect for separate control
■ Not for use with cover control
switch operators
■ Use twin break, heavy-duty pilot
devices
■ Designed for +10%, -20% rated volt-
age, continuous duty operation
Non-reversing Kit Consists of:
■ 1 Encapsulated DC magnet coil
■ 1 NCI or NO/NCI side mounted
auxiliary contact
Note: These kits are supplied with a NO/
NCI side mounted auxiliary contact in
place of the NCI contact.
■ 2 Blue colored connection wires
■ 1 Instruction publication
Operation
These DC coil kits have separate pick-
up and seal windings. A special (side
mounted) early-break NCI auxiliary
contact is used to either disconnect the
pick-up winding or insert the seal
winding in series with the pick-up
winding, depending on the frame size
of the contactor. DC coil kits come in
two styles, a suffix 1 and a suffix 4. The
1 suffix contains only the special (side
mounted) early break NCI auxiliary
contact. The 4 suffix contains a NO
contact in the same package as the
special (side mounted) early-break NCI
auxiliary contact.
Note: For NEMA Sizes 00 and 0 and IEC
Sizes A – F, contactors may utilize either
suffix 1 or 4 DC coil kits; starters may utilize
suffix 4 DC coil kits only. For NEMA Sizes 1
and 2 and IEC Sizes G – K, both contactors
and starters may utilize a suffix 4 DC coil kit
only.
On the above sizes only, when the
special auxiliary package is mounted
on the side of a contactor or starter,
no standard auxiliary contact may be
mounted on the same side.
Note: For NEMA Sizes 3 – 5 and IEC Sizes
L – S, the special coil NCI clearing contact is
an add-on auxiliary (must mount on a base
mount auxiliary contact; normally a 1NO).
This arrangement will normally account for
two of the three contact positions on the
side of each contactor or starter.
Table 34-401. Product Selection DC Magnet Coils
These kits are supplied with a NO/NCI side mounted auxiliary contact in place of the NCI contact.
Kit does not include mechanical interlock or crossover wiring. Two NO/NCI top mounted auxiliary contacts are supplied for electrical interlocking.
Factory installed DC coils on NEMA contactors and starters include a NO/NC top mounted auxiliary contact on each contactor for electrical interlock-
ing. On IEC contactors and starters, a NC top mounted auxiliary contact is supplied on each contactor for electrical interlocking.
Available factory assembled only.
Two required per reversing assembly.
Contactor or
Starter Size
Conversion Data
Complete Conversion Kit
Factory Installed
Volts
Magnet Coil
NCI
Interlock
Number
NEMA
IEC
Coil
Number
Amps
P.U./Seal
Watts
P.U./Seal
Catalog
Number
Price
U.S $
Ship Wt.
Lbs. (kg)
Code
Suffix
Adder
U.S $
Non-reversing — Kit includes NCI Side Mounted Auxiliary Contact
00 and 0
CN35 – A, B, D
D15 Relays
A – F
12
24
48
120
9-2988-11
9-2988-12
9-2988-13
9-2988-14
6.4/.28
3.2/.14
1.6/.07
.64/.028
76.8/3.36
76.8/3.36
76.8/3.36
76.8/3.36
C320KGD1
C320KGD1
C320KGD1
C320KGD1
C335KD3R1
C335KD3T1
C335KD3W1
C335KD3A1
1.0 (.5)
R1
T1
W1
A1
00 and 0
CN35 – A, B, D
D15 Relays
A – F
12
24
48
120
9-2988-11
9-2988-12
9-2988-13
9-2988-14
6.4/.28
3.2/.14
1.6/.07
.64/.028
76.8/3.36
76.8/3.36
76.8/3.36
76.8/3.36
C320KGD2
C320KGD2
C320KGD2
C320KGD2
C335KD3R4
C335KD3T4
C335KD3W4
C335KD3A4
1.0 (.5)
R4
T4
W4
A4
1 and 2
CN35 – G
G – K
12
24
48
120
9-2990-1
9-2990-2
9-2990-3
9-2990-4
15.4/.42
7.7/.21
3.9/.11
1.5/.041
185/4.98
185/4.96
185/5.04
185/4.87
C320KGD5
C320KGD5
C320KGD5
C320KGD5
C335KD4R4
C335KD4T4
C335KD4W4
C335KD4A4
1.0 (.5)
R4
T4
W4
A4
3
CN35 – K
L – N
12
24
48
120
9-3002-1
9-3002-2
9-3002-3
9-3002-4
24/.40
12/.20
6.1/.097
2.5/.038
293/4.84
288/4.75
295/4.67
298/4.57
C320KGD3
C320KGD3
C320KGD3
C320KGD3
C335KD5R1
C335KD5T1
C335KD5W1
C335KD5A1
2.0 (.9)
R1
T1
W1
A1
4 and 5
CN35 – N, S
P – S
24
48
120
240
9-2026-4
9-2026-3
9-2026-2
9-2026-1
18/.22
9/.11
3.3/.05
1.7/.02
400/5.3
400/5.2
450/5.4
440/4.9
C320KGD3
C320KGD3
C320KGD3
C320KGD3
C335KA3T1
C335KA3W1
C335KA3A1
C335KA3B1
2.5 (1.1)
T1B
W1B
A1B
B1B
Reversing
00 and 0
CN35 – A, B, D
D15 Relays
A – F
12
24
48
120
9-2988-1
9-2988-2
9-2988-3
9-2988-4
6.4/.28
3.2/.14
1.6/.07
.64/.028
76.8/3.36
76.8/3.36
76.8/3.36
76.8/3.36
C320KGD1
C320KGD1
C320KGD1
C320KGD1
C335KD3R1
C335KD3T1
C335KD3W1
C335KD3A1
1.0 (0.9)
R1
T1
W1
A1
1 and 2
CN35 – G
G – K
12
24
48
120
9-2990-1
9-2990-2
9-2990-3
9-2990-4
15.4/.42
7.7/.21
3.9/.11
1.5/.041
185/4.98
185/4.96
185/5.04
185/4.87
C320KGD3
C320KGD3
C320KGD3
C320KGD3
R1
T1
W1
A1
Discount Symbol . . . . . . . . . . . . . . . . . . . . . . . 1CD1C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com