Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C320PC3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # C320PC3
Description  IEC Contactors & Starters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C320PC3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  C320PC3 Datasheet HTML 1Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 2Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 3Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 4Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 5Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 6Page - List of Unclassifed Manufacturers C320PC3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
March 2008
CA08102001E
For more information visit: www.eaton.com
34-317
IEC Contactors & Starters
34
Freedom
Accessories
Mechanical Interlock and Reversing Kits
Mechanical interlocks and reversing kits are designed for
field assembly of reversing contactors or starters from Free-
dom Series components. The Reversing Kits include a
Mechanical Interlock, stabilizer bar and a pre-cut, trimmed
and formed wire set. Auxiliary contacts, if required, must be
ordered separately. See Page 34-313.
Table 34-406. Reversing Kits (Horizontal Contactor Mounting Only)
Kit includes (2) NC auxiliary contacts.
Table 34-407. Mechanical Interlock Only
Without cross-wiring.
For use with latest series product.
Solid-State Timers
Solid-State ON DELAY Timer — Side Mounted on Freedom Series
NEMA 00 – 2, IEC A – K and C25D, C25E and C25F Frame
This timer is designed to be wired in
SERIES with the load (typically a coil).
When the START button is pushed
(power applied to timer), the ON DELAY
timing function starts. At the completion
of the set timing period, timer and series
wired load will both be energized.
Table 34-408. Product Selection — Mounted Timer
Add operating voltage Suffix to Catalog Number. A = 120V, B = 240V,
E = 208V
Rated .5 ampere pilot duty – not to be used on larger contactors.
Terminal connections are quick connects only. Two per side.
Shorting Bar Kits
These kits provide phase-to-phase power connections of
contactors for field assembly. The kits include bus connec-
tions and mounting hardware. The shorting bars connect all
three phases of a single contactor.
Table 34-409. Product Selection
Pneumatic Timers — Top Mounted
Attachment mounts on top of any NEMA Size
00 – 2 or IEC Size A – K Freedom Series starter
or contactor (top mounted auxiliary contacts
can not be installed on device when timer is
used). Timer unit has 1NO-1NC isolated timed
contacts — circuits in each pole must be the same polarity.
Units are convertible from OFF to ON DELAY or vice-versa.
Table 34-410. Maximum Ampere Ratings
Table 34-411. Product Selection
Application
Catalog
Number
Price
U.S. $
NEMA Size
IEC Size
00
0
1
2
3
A – C
D – F
—
G – K
—
C321KM60K14B
C321KM60K13B
C321KM60K15B
C321KM60K16B
C321KM60K17
—
—
4
5
—
L and M
N
—
—
P – S
C321KM60K21
C321KM60K18
C321KM60K19
C321KM60K20
C321KM60K44
Application
Catalog
Number
Price
U.S. $
NEMA Size
IEC Size
Contactor
Mounting
00 – 2
A – K
Horizontal
C321KM60B
3
L – N
Horizontal
C321KM30
3 to 4
N to P
Horizontal
C321KM43
4
P – S
Horizontal
C321KM40
4 to 5
—
Horizontal
C321KM45
4 to 6
S to T/U
Horizontal
C321KM80
5
—
Horizontal
C321KM50
5 to 6
—
Horizontal
C321KM56
6
T and U
Horizontal
C321KM70
6 to 7
T/U to V – X
Horizontal
C321KM90
7
V, W and X
Horizontal
C321KM34
4 or 5 to 5
P – S to 5
Vertical
C321KM55
5 to 6
—
Vertical
C321KM65
6
T and U
Vertical
C321KM66
6 to 7
T/U to V – X
Vertical
C321KM67
Cat. No.
C321KM60B
Part No.
23-7165
Wire Set
Timing Range
Catalog
Number
Price
U.S. $
.1 – 1.0 Seconds
1 – 30 Seconds
30 – 300 Seconds
5 – 30 Minutes
C320TDN1_
C320TDN30_
C320TDN300_
C320TDN2000_
Description
Catalog
Number
Price
U.S. $
NEMA Size 3, IEC Sizes L – N
NEMA Size 4, IEC Sizes P – S
NEMA Size 5
NEMA Size 6, IEC Sizes T and U
C321SB18
C321SB19
C321SB21
C321SB22
Description
Volts AC
120
240
480
600
Make
Break
30
3
15
1.5
7.5
.75
6
.6
Timing Range
Catalog
Number
Price
U.S. $
.1 to 30 Seconds
10 to 180 Seconds
C320TP1
C320TP2
Discount Symbol . . . . . . . . . . . . . . . . . . . . . . . 1CD1C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com