Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331M7 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M7
Description  General-Purpose, Low-Voltage, Tiny Pack Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331M7 Datasheet(HTML) 3 Page - Texas Instruments

  LMV331M7 Datasheet HTML 1Page - Texas Instruments LMV331M7 Datasheet HTML 2Page - Texas Instruments LMV331M7 Datasheet HTML 3Page - Texas Instruments LMV331M7 Datasheet HTML 4Page - Texas Instruments LMV331M7 Datasheet HTML 5Page - Texas Instruments LMV331M7 Datasheet HTML 6Page - Texas Instruments LMV331M7 Datasheet HTML 7Page - Texas Instruments LMV331M7 Datasheet HTML 8Page - Texas Instruments LMV331M7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LMV331-N, LMV339-N, LMV393-N
www.ti.com
SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
DCK and DBV Package
D and DGK Package
5-Pin SC70 / SOT23
8-Pin SOIC / VSSOP
Top View
Top View
D and PW Package
14-Pin SOIC / TSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
LMV331-N
LMV393-N
LMV339-N
NAME
DVB,DCK
D,DGK
PW
+IN
1
-
-
I
Noninverting input
+IN A
-
3
5
I
Noninverting input, channel A
+IN B
-
5
7
I
Noninverting input, channel B
+IN C
-
-
9
I
Noninverting input, channel C
+IN D
-
-
11
I
Noninverting input, channel D
-IN
3
-
-
I
Inverting input
-IN A
-
2
4
I
Inverting input, channel A
-IN B
-
6
6
I
Inverting input, channel B
-IN C
-
-
8
I
Inverting input, channel C
-IN D
-
-
10
I
Inverting input, channel D
OUT
4
-
-
O
Output
OUT A
-
1
2
O
Output, channel A
OUT B
-
7
1
O
Output, channel B
OUT C
-
-
14
O
Output, channel C
OUT D
-
-
13
O
Output, channel D
V+
5
8
3
P
Positive (highest) power supply
V-
2
4
12
P
Negative (lowest) power supply
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com