Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331M7 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M7
Description  General-Purpose, Low-Voltage, Tiny Pack Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331M7 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV331M7 Datasheet HTML 5Page - Texas Instruments LMV331M7 Datasheet HTML 6Page - Texas Instruments LMV331M7 Datasheet HTML 7Page - Texas Instruments LMV331M7 Datasheet HTML 8Page - Texas Instruments LMV331M7 Datasheet HTML 9Page - Texas Instruments LMV331M7 Datasheet HTML 10Page - Texas Instruments LMV331M7 Datasheet HTML 11Page - Texas Instruments LMV331M7 Datasheet HTML 12Page - Texas Instruments LMV331M7 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LMV331-N, LMV339-N, LMV393-N
www.ti.com
SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014
7 Detailed Description
7.1 Overview
The LMV331-N/393-N/339-N comparators features a supply voltage range of 2.7 V to 5 V with a low supply
current of 55
μA/channel with propagation delays as low as 200ns. They are avaialble in small, space-saving
packages, which makes these comparators versatile for use in a wide range of applications, from portable to
industrial. The open collector output configuration allows the device to be used in wired-OR configurations, such
as a window comparators.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Open Collector Output
The output of the LMV331-N/393-N/339-N series is the uncommitted collector of a grounded-emitter NPN output
transistor, which requires a pull-up resistor to a positive supply voltage for the output to switch properly. Many
collectors can be tied together to provide an output OR’ing function. An output pull-up resistor can be connected
to any available power supply voltage within the permitted V+ supply voltage range. The output pull-up resistor
should be chosen high enough so as to avoid excessive power dissipation yet low enough to supply enough
drive to switch whatever load circuitry is used on the comparator output. On the LMV331-N/393-N/339-N the pull-
up resistor should range between 1 k to 10 k
Ω.
7.3.2 Ground Sensing Input
The LMV331-N/393-N/339-N has a typical input common mode voltage range of
−0.1V below the ground to 0.8V
below Vcc.
7.4 Device Functional Modes
A basic comparator circuit is used for converting analog signals to a digital output.
The output is HIGH when the voltage on the non-inverting (+IN) input is greater than the inverting (-IN) input.
The output is LOW when the voltage on the non-inverting (+IN) input is less than the inverting (-IN) input.
The inverting input (-IN) is also commonly referred to as the "reference" or "VREF" input.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com