Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331M7 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M7
Description  General-Purpose, Low-Voltage, Tiny Pack Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331M7 Datasheet(HTML) 1 Page - Texas Instruments

  LMV331M7 Datasheet HTML 1Page - Texas Instruments LMV331M7 Datasheet HTML 2Page - Texas Instruments LMV331M7 Datasheet HTML 3Page - Texas Instruments LMV331M7 Datasheet HTML 4Page - Texas Instruments LMV331M7 Datasheet HTML 5Page - Texas Instruments LMV331M7 Datasheet HTML 6Page - Texas Instruments LMV331M7 Datasheet HTML 7Page - Texas Instruments LMV331M7 Datasheet HTML 8Page - Texas Instruments LMV331M7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMV331-N, LMV339-N, LMV393-N
SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014
LMV33x-N / LMV393-N General-Purpose, Low-Voltage, Tiny Pack Comparators
The LMV393-N is available in 8-pin SOIC and
1 Features
VSSOP packages. The LMV339-N is available in 14-
1
•
(For 5-V Supply, Typical Unless Otherwise Noted)
pin SOIC and TSSOP packages.
•
Ensured 2.7-V and 5-V Performance
The
LMV331-N/393-N/339-N
is
the
most
cost-
•
Industrial Temperature Range
−40°C to 85°C
effective solution where space, low voltage, low
•
Low Supply Current 60 µA/Channel
power, and price are the primary specification in
circuit design for portable consumer products. They
•
Input Common Mode Voltage Range Includes
offer specifications that meet or exceed the familiar
Ground
LM393/339 at a fraction of the supply current.
•
Low Output Saturation Voltage 200 mV
The chips are built with TI's advanced Submicron
•
Propagation Delay 200 ns
Silicon-Gate BiCMOS process. The LMV331-N/393-
•
Space-Saving 5-Pin SC70 and 5-Pin SOT23
N/339-N have bipolar input and output stages for
Packages
improved noise performance.
2 Applications
Table 1. Device Information(1)
•
Mobile Communications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SC70 (5)
2.00 mm × 1.25 mm
•
Notebooks and PDAs
LMV331-N
SOT-23 (5)
2.90 mm × 1.6 mm
•
Battery-Powered Electronics
SOIC (14)
8.65 mm × 3.91 mm
•
General-Purpose Portable Devices
LMV339-N
TSSOP (14)
5.00 mm × 4.40 mm
•
General-Purpose, Low-Voltage Applications
SOIC (8)
4.90 mm × 3.91 mm
LMV393-N
VSSOP (8)
3.00 mm × 3.00 mm
3 Description
The LMV393-N and LMV339-N are low-voltage (2.7
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
to 5 V) versions of the dual and quad comparators,
LM393/339, which are specified at 5 to 30 V. The
LMV331-N is the single version, which is available in
space-saving,
5-pin
SC70
and
5-pin
SOT23
packages. The 5-pin SC70 is approximately half the
size of the 5-pin SOT23.
Low Supply Current
Fast Response Time
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMV331M7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV331M7 NSC-LMV331M7 Datasheet
480Kb / 21P
General Purpose, Low Voltage, TinyPack Comparators
LMV331M7 NSC-LMV331M7 Datasheet
504Kb / 20P
General Purpose, Low Voltage, Tiny Pack Comparators
logo
Texas Instruments
LMV331M7 TI1-LMV331M7 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
LMV331M7 TI-LMV331M7 Datasheet
1Mb / 32P
LMV331-N Single LMV393-N Dual LMV339-N Quad General Purpose, Low Voltage, Tiny
LMV331M7 TI-LMV331M7 Datasheet
1Mb / 32P
LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny Pack Comparators
More results

Similar Description - LMV331M7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
logo
National Semiconductor ...
LMV331 NSC-LMV331_07 Datasheet
504Kb / 20P
General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
MAX9647 MAXIM-MAX9647 Datasheet
2Mb / 11P
General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 0; 10/11
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
Texas Instruments
LMV393M TI-LMV393M Datasheet
1Mb / 32P
LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Unisonic Technologies
LMV331 UTC-LMV331 Datasheet
178Kb / 6P
SINGLE GENERAL PURPOSE, LOW VOLTAGE, SMALL PACK COMPARATORS
LMV331 UTC-LMV331_15 Datasheet
149Kb / 6P
SINGLE GENERAL PURPOSE, LOW VOLTAGE, SMALL PACK COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com