Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3312DV Datasheet(PDF) 69 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 69 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 65Page - STMicroelectronics UPSD3312DV Datasheet HTML 66Page - STMicroelectronics UPSD3312DV Datasheet HTML 67Page - STMicroelectronics UPSD3312DV Datasheet HTML 68Page - STMicroelectronics UPSD3312DV Datasheet HTML 69Page - STMicroelectronics UPSD3312DV Datasheet HTML 70Page - STMicroelectronics UPSD3312DV Datasheet HTML 71Page - STMicroelectronics UPSD3312DV Datasheet HTML 72Page - STMicroelectronics UPSD3312DV Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
MCU clock generation
Doc ID 9685 Rev 7
69/272
Figure 13.
Clock generation logic
Table 28.
CCON0 register bit definition
XTAL1 /2
XTAL1 /4
XTAL1 /2048
Q
Q
Q
M
U
X
XTAL1 (default)
XTAL1 /8
XTAL1 /16
Q
Q
XTAL1 /32
XTAL1 /1024
Q
Q
0
1
2
3
4
5
6
7
XTAL1
(fOSC)
PCON[1]: PD,
Power-Down Mode
CCON[2:0]
Clock Pre-Scaler Select
PCON[0]: IDL,
Idle Mode
Clock Divider
MCU_CLK (fMCU)
(to: 8032, WDT)
PERIPH_CLK (fOSC)
(to: TIMER0/1/2, UART0/1, PCA0/1, SPI, I2C, ADC)
3
AI09197b
Table 27.
CCON0: Clock Control register (SFR F9h, reset value 10h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
DBGCE
CPUAR
CPUPS[2:0]
Bit
Symbol
R/W
Definition
7–
–
Reserved
6–
–
Reserved
5–
–
Reserved
4
DBGCE
R,W
Debug Unit Breakpoint Comparator Enable
0 = JTAG debug unit comparators are disabled
1 = JTAG debug unit comparators are enabled (Default condition after reset)
3
CPUAR
R,W
Automatic MCU Clock Recovery
0 = There is no change of CPUPS[2:0] when an interrupt occurs.
1 = Contents of CPUPS[2:0] automatically become 000b whenever any
interrupt occurs.
2:0
CPUPS
R,W
MCUCLK Pre-Scaler
000b: fMCU = fOSC (Default after reset)
001b: fMCU = fOSC/2
010b: fMCU = fOSC/4
011b: fMCU = fOSC/8
100b: fMCU = fOSC/16
101b: fMCU = fOSC/32
110b: fMCU = fOSC/1024
111b: fMCU = fOSC/2048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com