Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3312DV Datasheet(PDF) 37 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 33Page - STMicroelectronics UPSD3312DV Datasheet HTML 34Page - STMicroelectronics UPSD3312DV Datasheet HTML 35Page - STMicroelectronics UPSD3312DV Datasheet HTML 36Page - STMicroelectronics UPSD3312DV Datasheet HTML 37Page - STMicroelectronics UPSD3312DV Datasheet HTML 38Page - STMicroelectronics UPSD3312DV Datasheet HTML 39Page - STMicroelectronics UPSD3312DV Datasheet HTML 40Page - STMicroelectronics UPSD3312DV Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
8032 MCU registers
Doc ID 9685 Rev 7
37/272
7
8032 MCU registers
The UPSD33xx has the following 8032 MCU core registers, also shown in Figure 10.
Figure 10.
8032 MCU registers
7.1
Stack Pointer (SP)
The SP is an 8-bit register which holds the current location of the top of the stack. It is
incremented before a value is pushed onto the stack, and decremented after a value is
popped off the stack. The SP is initialized to 07h after reset. This causes the stack to begin
at location 08h (top of stack). To avoid overlapping conflicts, the user must initialize the top
of the stack to 20h if all four banks of registers R0 - R7 are used, and the user must initialize
the top of stack to 30h if all of the 8032 bit memory locations are used.
7.2
Data Pointer (DPTR)
DPTR is a 16-bit register consisting of two 8-bit registers, DPL and DPH. The DPTR register
is used as a base register to create an address for indirect jumps, table look-up operations,
and for external data transfers (XDATA). When not used for addressing, the DPTR register
can be used as a general purpose 16-bit data register.
Very frequently, the DPTR register is used to access XDATA using the External Direct
addressing mode. The UPSD33xx has a special set of SFR registers (DPTC, DPTM) to
control a secondary DPTR register to speed memory-to-memory XDATA transfers. Having
dual DPTR registers allows rapid switching between source and destination addresses (see
details in Section 11: Dual data pointers on page 56).
7.3
Program Counter (PC)
The PC is a 16-bit register consisting of two 8-bit registers, PCL and PCH. This counter
indicates the address of the next instruction in program memory to be fetched and executed.
A reset forces the PC to location 0000h, which is where the reset jump vector is stored.
AI06636
Accumulator
B Register
Stack Pointer
Program Counter
Program Status Word
General Purpose
Register (Bank0-3)
Data Pointer Register
PCH
DPTR(DPH)
A
B
SP
PCL
PSW
R0-R7
DPTR(DPL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com