Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3312DV Datasheet(PDF) 49 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 45Page - STMicroelectronics UPSD3312DV Datasheet HTML 46Page - STMicroelectronics UPSD3312DV Datasheet HTML 47Page - STMicroelectronics UPSD3312DV Datasheet HTML 48Page - STMicroelectronics UPSD3312DV Datasheet HTML 49Page - STMicroelectronics UPSD3312DV Datasheet HTML 50Page - STMicroelectronics UPSD3312DV Datasheet HTML 51Page - STMicroelectronics UPSD3312DV Datasheet HTML 52Page - STMicroelectronics UPSD3312DV Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
8032 addressing modes
Doc ID 9685 Rev 7
49/272
9.10
Long addressing
This mode will use the 16-bits contained in the two bytes following the instruction byte as a
jump destination address for LCALL and LJMP instructions. For example:
9.11
Bit addressing
This mode allows setting or clearing an individual bit without disturbing the other bits within
an 8-bit value of internal SRAM. Bit Addressing is only available for certain locations in 8032
DATA and SFR memory. Valid locations are DATA addresses 20h - 2Fh and for SFR
addresses whose base address ends with 0h or 8h. (Example: The SFR, IE, has a base
address of A8h, so each of the eight bits in IE can be addressed individually at address A8h,
A9h, ...up to AFh.) For example:
LJMP 0500h
; Unconditionally jump to address
; 0500h in program memory
SETB AFh
; Set the individual EA bit (Enable All
; Interrupts) inside the SFR register,
; IE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com