Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC4035LSD Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMHC4035LSD
Description  40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC4035LSD Datasheet(HTML) 7 Page - Diodes Incorporated

  DMHC4035LSD Datasheet HTML 1Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 2Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 3Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 4Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 5Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 6Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 7Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 8Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DMHC4035LSD
Document number: DS36287 Rev. 1 - 2
7 of 9
www.diodes.com
January 2014
© Diodes Incorporated
DMHC4035LSD
-50 -25
0
25
50
75
100 125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 19 On-Resistance Variation with Temperature
0
0.03
0.06
0.09
0.12
0.15
V= -10V
I=
A
GS
D
-10
V= 5V
I=
A
GS
D
-
-5
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Figure 20 Gate Threshold Variation vs. Ambient Temperature
A
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-I = 1mA
D
-I = 250µA
D
-V , SOURCE-DRAIN VOLTAGE (V)
Figure 21 Diode Forward Voltage vs. Current
SD
0
3
6
9
12
15
0
0.3
0.6
0.9
1.2
1.5
T= 125 C
A
°
T= 150 C
A
°
T= 85 C
A
°
T= 25 C
A
°
T= -55 C
A
°
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 22 Typical Junction Capacitance
DS
10
100
1000
0
5
10
15
20
25
30
35
40
Coss
Crss
Ciss
Q , TOTAL GATE CHARGE (nC)
Figure 23 Gate-Charge Characteristics
g
0
2
4
6
8
10
02
4
6
8
10
12
V
= -20V
I = -4.2A
DS
D
0.1
1
10
100
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 24 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
T
= 150°C
T = 25°C
J(max)
A
V
= -4.5V
Single Pulse
GS
DUT on 1 * MRP Board
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com