Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC4035LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMHC4035LSD
Description  40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC4035LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMHC4035LSD Datasheet HTML 1Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 2Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 3Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 4Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 5Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 6Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 7Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 8Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DMHC4035LSD
Document number: DS36287 Rev. 1 - 2
1 of 9
www.diodes.com
January 2014
© Diodes Incorporated
DMHC4035LSD
40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Product Summary
Device
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
N-Channel
40V
45mΩ @ VGS = 10V
4.5A
58mΩ @ VGS = 4.5V
4A
P-Channel
-40V
65mΩ @ VGS = -10V
-3.7A
100mΩ @ VGS = -4.5V
-2.9A
Description
This new generation complementary MOSFET H-Bridge features low
on-resistance achievable with low gate drive.
Applications
DC Motor Control
DC-AC Inverters
Features
2 x N + 2 x P channels in a SOIC package
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See diagram
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DMHC4035LSD-13
Standard
SO-8
2500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Internal Schematic
Top View
Pin Configuration
SO-8
H-Bridge
1
4
8
5
C4035LS
YY WW
= Manufacturer’s Marking
C4035LS = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 13 = 2013)
WW = Week (01 - 53)


Similar Part No. - DMHC4035LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMHC4035LSDQ DIODES-DMHC4035LSDQ Datasheet
628Kb / 9P
40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
March 2018
DMHC4035LSDQ-13 DIODES-DMHC4035LSDQ-13 Datasheet
628Kb / 9P
40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
March 2018
More results

Similar Description - DMHC4035LSD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
APRIL 2004
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
MAY 2005
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
JUNE 2005
DMHC3025LSD DIODES-DMHC3025LSD Datasheet
373Kb / 9P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 4
DMHC4035LSDQ DIODES-DMHC4035LSDQ Datasheet
628Kb / 9P
40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
March 2018
DMHC6070LSD DIODES-DMHC6070LSD Datasheet
589Kb / 10P
60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com