Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC4035LSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMHC4035LSD
Description  40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC4035LSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMHC4035LSD Datasheet HTML 1Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 2Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 3Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 4Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 5Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 6Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 7Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 8Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMHC4035LSD
Document number: DS36287 Rev. 1 - 2
2 of 9
www.diodes.com
January 2014
© Diodes Incorporated
DMHC4035LSD
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
85
°C/W
t<10s
53
Thermal Resistance, Junction to Case
RθJC
15
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Maximum Ratings N-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
4.5
3.5
A
t<10s
TA = +25°C
TA = +70°C
ID
5.8
4.5
A
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
4
3.1
A
t<10s
TA = +25°C
TA = +70°C
ID
5.1
4
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
1.5
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
25
A
Maximum Ratings P-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-3.7
-2.9
A
t<10s
TA = +25°C
TA = +70°C
ID
-4.8
-3.8
A
Continuous Drain Current (Note 5) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-2.9
-2.3
A
t<10s
TA = +25°C
TA = +70°C
ID
-3.9
-3.0
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
-1.5
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
-15
A
Note:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com