Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8480MME-S/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480MME-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8480MME-S/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP8480MME-S/NOPB Datasheet HTML 12Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 13Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 14Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 15Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 16Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 17Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 18Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 19Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
LMP8480, LMP8481
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
Feature Description (continued)
8.3.7 Input Series Resistance
Because the input stage uses precision resistors to convert the voltage on the input pin to a current, any
resistance added in series with the input pins will change the gain. If a resistance is added in series with an
input, the gain of that input will not track that of the other input, causing a constant gain error.
TI does not recommend using external resistances to alter the gain, as external resistors will not have the same
thermal matching as the internal thin film resistors.
If resistors are purposely added for filtering, resistance should be added equally to both inputs and the user
should be aware that the gain will change slightly. See the end of the Theory of Operation section for the internal
resistor values. External resistances should be kept below 10 ohms.
8.3.8 Minimum Output Voltage
The amplifier output cannot swing to exactly 0 V. There will always be a minimum output voltage set by the
output transistor saturation and input offset errors. This will create a minimum output swing around the zero
current reading due to the output saturation. The user should be aware of this when designing any servo loops or
data acquisition systems that may assume 0 V = 0 A. If a true zero is required, the LMP8481 should be used
with a VREF set slightly above ground (> 50 mV). See the Swinging Output Below Ground section for a possible
solution to this issue.
8.3.9 Swinging Output Below Ground
If a negative supply is available, a pulldown resistor can be added from the output to the negative voltage to
allow the output to swing a few millivolts below ground. This will now allow the ADC to resolve true zero and
recover codes that would normally be lost to the negative output saturation limit.
Figure 26. Output Pulldown Resistor Example
A minimum of 50 µA should be sourced (“pulled”) from the output to a negative voltage. The pulldown resistor
can be calculated from:
RPD = –VS/50 µA
(8)
For example, if a –5-V supply is available, a pulldown resistor of 5 V/50 µA = 100 k
Ω should be used. This will
allow the output to swing to about 10 mV below ground.
This technique may also reduce the maximum positive swing voltage. Do not forget to include the parallel loading
effects of the pulldown any output load. TI recommends not to exceed –100 mV on the output. Source currents
greater than 100 µA should be avoided to prevent self-heating at high-supply voltages. Pulldown resistor values
should not be so low as to heavily load the output during positive output excursions. This mode of operation is
not directly specified and is not ensured.
16
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com