Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8480MME-S/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480MME-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8480MME-S/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMP8480MME-S/NOPB Datasheet HTML 1Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 2Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 3Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 4Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 5Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 6Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 7Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LMP8480, LMP8481
www.ti.com
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
5 Device Comparison Table
DEVICE NAME
GAIN
POLARITY
LMP8480-T
x20
Unidirectional
LMP8480-S
x60
Unidirectional
LMP8480-H
x100
Unidirectional
LMP8481-T
x20
Bidirectional or Unidirectional
LMP8481-S
x60
Bidirectional or Unidirectional
LMP8481-H
x100
Bidirectional or Unidirectional
6 Pin Configuration and Functions
LMP8481 VSSOP PACKAGE
8 PINS
(TOP VIEW)
LMP8480 VSSOP PACKAGE
8 PINS
(TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
RSP
1
I
Positive current sense input
VCC
2
P
Positive supply voltage
NC
3
—
No Connection – Not internally Connected.
GND
4
P
Ground
VOUT
5
O
Output
NC or REFA
6
I
LMP8480: No Connection
LMP8481: Reference Voltage “B” Input
NC or REFB
7
I
LMP8480: No Connection
LMP8481: Reference Voltage “A” Input
RSN
8
I
Negative current sense input
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com