Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8480MME-S/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480MME-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8480MME-S/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP8480MME-S/NOPB Datasheet HTML 17Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 18Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 19Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 20Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 21Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 22Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 23Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 24Page - Texas Instruments LMP8480MME-S/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LMP8480, LMP8481
www.ti.com
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
10 Power Supply Recommendations
10.1 Power Supply Decoupling
In order to decouple the LMP848x from AC noise on the power supply, TI recommends using a 0.1-
μF bypass
capacitor between the VCC and GND pins. This capacitor should be placed as close as possible to the supply
pins. In some cases, an additional 10-
μF bypass capacitor may further reduce the supply noise.
Do not forget that these bypass capacitors must be rated for the full supply and / or load source voltage. TI
recommends that the working voltage of the capacitor (WVDC) should be at least two times the maximum
expected circuit voltage.
11 Layout
11.1 Layout Guidelines
The traces leading to and from the sense resistor can be significant error sources. With small value sense
resistors (< 100 m
Ω), any trace resistance shared with the load current can cause significant errors.
The amplifier inputs should be directly connected to the sense resistor pads using “Kelvin” or “4-wire” connection
techniques. The traces should be one continuous piece of copper from the sense resistor pad to the amplifier
input pin pad, and ideally on the same copper layer with minimal vias or connectors. This can be important
around the sense resistor if it is generating any significant heat gradients.
To minimize noise pickup and thermal errors, the input traces should be treated as a differential signal pair and
routed tightly together with a direct path to the input pins. The input traces should be run away from noise
sources, such as digital lines, switching supplies or motor drive lines. Remember that these traces can contain
high voltage, and should have the appropriate trace routing clearances.
Since the sense traces only carry the amplifier bias current (about 7 µA at room temperature), the connecting
input traces can be thinner, signal level traces. Excessive Resistance in the trace should also be avoided.
The paths of the traces should be identical, including connectors and vias, so that these errors will be equal and
cancel.
The sense resistor will heat up as the load increases. As the resistor heats up, the resistance generally goes up,
which will cause a change in the readings The sense resistor should have as much heatsinking as possible to
remove this heat through the use of heatsinks or large copper areas coupled to the resistor pads. A reading
drifting over time after turn-on can usually be traced back to sense resistor heating.
11.2 Layout Example
Figure 32. “Kelvin” or “4–wire” Connection to the Sense Resistor
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com