Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8481MM-S/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MM-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481MM-S/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP8481MM-S/NOPB Datasheet HTML 10Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 11Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 12Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 13Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 14Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 15Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 16Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 17Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
LMP8480, LMP8481
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
Feature Description (continued)
A typical surface mount sense resistor tempco is in the 50 ppm to 500 ppm/°C range offering more measurement
consistency and accuracy over the copper trace. Special low-tempco resistors are available in the 0.1 to 50 ppm
range, but at a higher cost.
8.3.4 VREFA and VREFB Pins (LMP8481 Only)
The voltage applied to the VREFA and VREFB pins controls the output zero reference level. Depending on how the
pins are configured, the output reference level can be set to GND, or VCC/2, or external VREF/2, or the average of
two different input references.
The reference inputs consist of a pair of divider resistors with equal values to a common summing point, VREF' as
shown in Figure 23. Assuming VSENSE is zero, the output will be at the same value as VREF'.
Figure 23. VREF Input Resistor Network
VREF' is the voltage at the resistor tap-point that will be directly applied to the output as an offset. With the two
VREF inputs tied together, the output zero voltage will have a 1:1 ratio relationship with VREF.
VOUT = ( (VRSP – VRSN) ×Av ) + VREF’
(4)
Where:
VREF’ = VREFA = VREFB (Equal Inputs)
(5)
or:
VREF’ = ( VREFA + VREFB ) / 2 (Different Inputs)
(6)
8.3.4.1 One-to-One (1:1) Reference Input
To directly set the reference level, the two inputs are connected to the external reference voltage. The applied
VREF will be reflected 1:1 on the output.
Figure 24. Applying 1:1 Direct Reference Voltage
14
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com