Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8481MM-S/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MM-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481MM-S/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP8481MM-S/NOPB Datasheet HTML 7Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 9Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 10Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 11Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 12Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 13Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 14Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
RSN
VCC
GND
VOUT
LMP8481
+
-
+
-
VREFA
VREFB
100 k:
100 k:
1.95 M:
2 M:
Internal
14V LDO
Regulator
RGP
VCM
SENSE
RGN
400 k:
400 k:
V to I
Converter
Difference
Amplifier
(x5)
VSENSE
RSP
RSN
VCC
GND
VOUT
LMP8480
+
-
+
-
100 k:
100 k:
1.95 M:
2 M:
Internal
14V LDO
Regulator
RGP
VCM
SENSE
RGN
400 k:
400 k:
V to I
Converter
Difference
Amplifier
(x5)
VSENSE
RSP
LMP8480, LMP8481
www.ti.com
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
8.2 Functional Block Diagrams
Figure 17. LMP8480 Block Diagram
Figure 18. LMP8481 Block Diagram
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com