Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8481MM-S/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MM-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481MM-S/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMP8481MM-S/NOPB Datasheet HTML 1Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 2Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 3Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 4Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 5Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 6Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 7Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LMP8480, LMP8481
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
Over operating free-air temperature range (unless otherwise noted)
(3)
MIN
MAX
UNIT
Supply Voltage (VCC to GND)
–0.3
85
V
RSP or RSN to GND
–0.3
85
V
VOUT to GND
–0.3 to the lesser of (VCC + 0.3) or +20
V
Other VREF pin tied to ground
–0.3
12
V
VREF Pins
(LMP8481 Only)
Applied to both VREF Pins tied together
–0.3
6
V
Differential Input Voltage
–85
85
V
Current into output pin
–20(4)
20
mA
Current into any other pins
–5(4)
5
mA
Operating Temperature
–40
125
°C
Junction Temperature
-40
150
°C
Storage temperature
–65
150
°C
(1)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJ(MAX), θJA, and the ambient temperature,
TA. The maximum allowable power dissipation PDMAX = (TJ(MAX) –TA)/ θJA or the number given in Absolute Maximum Ratings, whichever
is lower.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(4)
When the input voltage (VIN) at any pin exceeds power supplies (VIN < GND or VIN > VS ), the current at that pin must not exceed 5
mA, and the voltage (VIN) has to be within the Absolute Maximum Ratings for that pin. The 20-mA package input current rating limits
the number of pins that can safely exceed the power supplies with current flow to four pins.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±750
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
Expected normal operating conditions over free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage (VCC)
4.5
76
V
Common Mode Voltage
4.0
76
V
VREFA and VREFB tied together
–0.3 to the lesser of (VCC – 1.5) or +6
V
Reference Input
–0.3 or +12 where the average of the
(LMP8481 Only)
Single VREF pin with other VREF pin grounded
two VREF pins is less than the lesser of
V
(VCC – 1.5) or +6
(1)
Exceeding the Recommended Operating Conditions for extended periods of time may effect device reliability or cause parametric shifts.
7.4 Thermal Information
LMP8480, LMP8481
THERMAL METRIC(1)
DGK
NCQ
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
185
70
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com