Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8481MME-S/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MME-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481MME-S/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMP8481MME-S/NOPB Datasheet HTML 1Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 2Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 3Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 4Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 5Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 6Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 7Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMP8480, LMP8481
www.ti.com
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
7.5 Electrical Characteristics
Unless otherwise specified, all limits specified for at TA = 25°C, VCC = 4.5 V to 76 V, 4.5V VCM 76 V, RL = 100 k, VSENSE =
(VRSP – VRSN) = 0 V.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VCC = VRSP = 48
TA = 25°C
±80
±265
V,
VOS
Input Offset Voltage (RTI)
µV
–40°C
≤ TA ≤ 125°C
±900
ΔV = 100 mV
TCVOS
Input Offset Voltage Drift(4)
±6
µV°C
Input Bias Current(5)
VCC = VRSP = 76 V, Per Input
6.3
IB
μA
VCC = VRSP = 76 V, Per Input, –40°C ≤ TA ≤
12
125°C
Input Leakage Current
VCC = 0, VRSP = 86 V, Both inputs together
0.01
ILEAK
μA
VCC = 0, VRSP = 86 V, Both inputs together,
2
–40°C
≤ TA ≤ 125°C
-T Version, –40°C
≤ TA ≤
667
125°C
-F Version, –40°C
≤ TA ≤
267
125°C
VSENSE(MA
Differential Input Voltage Across
VCC = 16
mV
X)
Sense Resistor(6)
-S Version, –40°C
≤ TA ≤
222
125°C
-H Version, –40°C
≤ TA ≤
133
125°C
-T Version
20
-T Version, –40°C
≤ TA ≤ 125°C
19.8
20.2
-S Version
60
AV
Gain
V/V
-S Version, –40°C
≤ TA ≤ 125°C
59.5
60.5
-H Version
100
-H Version, –40°C
≤ TA ≤ 125°C
99.2
100.8
TA = 25°C
±0.6%
VCC = VRSP = 48
Gain Error
V
–40°C
≤ TA ≤ 125°C
±0.8%
VRSP = 48 V, VCC = 4.5 to 76 V
122
DC PSRR
DC Power Supply Rejection Ratio
dB
VRSP = 48 V, VCC = 4.5 to 76 V, –40°C ≤ TA
100
≤ 125°C
VCC = 48 V, VRSP = 4.5 to 76 V
124
dB
VCC = 48 V, VRSP = 4.5 to 76 V, –40°C ≤ TA
DC CMRR
DC Common Mode Rejection Ratio
100
≤ 125°C
VCC = 48 V, VRSP = 4 to 76 V
124
dB
Input Common Mode Voltage
CMVR
CMRR > 100 dB, –40°C
≤ TA ≤ 125°C
4
76
V
Range
Output Resistance / Load
ROUT
VSENSE = 100 mV
0.1
Regulation
Maximum Output Voltage
VCC = 4.5 V, VRSP = 48 V, VSENSE = +1 V,
(Headroom)
VOMAX
230
500
mV
IOUT (sourcing) 500 μA
(VOMAX = VCC – VOUT)
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by testing, design, or statistical analysis.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
Positive Bias Current corresponds to current flowing into the device.
(6)
This parameter is specified by design and/or characterization and is not tested in production.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com