Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8481MME-S/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MME-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481MME-S/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP8481MME-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 9Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 10Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 11Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 12Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 13Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 14Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 15Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
VCC = +4.5V to +76V
CBYPASS
0.12F
To Load
+4.0V
to
+76V
RSENSE
ISENSE
RSN
RSP
REFA
REFB
GND
LMP8481
VSENSE
VOUT
VCC
OUTPUT
VREF
or
VCC
VCC = +4.5V to +76V
CBYPASS
0.12F
To Load
+4.0V
to
+76V
RSENSE
ISENSE
RSN
RSP
REFA
REFB
GND
LMP8481
VSENSE
VOUT
VCC
OUTPUT
VREF INPUT
VCC = +4.5V to +76V
CBYPASS
0.12F
To Load
+4.0V
to
+76V
RSENSE
ISENSE
RSN
RSP
GND
LMP8480
VSENSE
VOUT
VCC
OUTPUT
LMP8480, LMP8481
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
8.3 Feature Description
8.3.1 Basic Connections
Figure 19 through Figure 22 show the basic connections for seveal different configurations.
Figure 19. LMP8480 Basic Connections (Unidirectional)
Figure 19 shows the basic connections for the LMP8480 for Unidirectional applications. The output will be at zero
with zero sense voltage.
Figure 20. LMP8481 Basic Connections for External 1:1 VREF Input (Bidirectional)
Figure 20 shows the basic connections for the LMP8481 for Bidirectional applications using an external reference
input. At zero input voltage, the output will be at the applied reference voltage (VREF), moving positive or negative
from the zero reference point.
Figure 21. LMP8481 Basic Connections for Mid-Bias (VREF/2) Input (Bidirectional)
12
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com