Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8481MME-S/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MME-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481MME-S/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP8481MME-S/NOPB Datasheet HTML 6Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 7Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 9Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 10Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 11Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 12Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 13Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LMP8480, LMP8481
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The LMP8480 and LMP8481 are single-supply, high-side current sense amplifiers with available fixed gains of
x20, x60 and x100. The power supply range is 4.5 V to 76 V, while the common-mode input voltage range is
capable of 4.0-V to 76-V operation. The supply voltage and common-mode range are completely independent of
each other. This makes the LMP848x supply voltage extremely flexible, as the LMP848x's supply voltage can be
greater than, equal to, or less than the load source voltage, and allowing the device to be powered from the
system supply or the load supply voltage.
The LMP8480 and LMP8481 supply voltage does not have to be larger than the load source voltage. A 76-V load
source voltage with a 5-V supply voltage is perfectly acceptable.
8.1.1 Theory of Operation
The LMP8480 and LMP8481 are comprised of two main stages. The first stage is a differential input current to
voltage converter, followed by a differential voltage amplifier and level-shifting output stage. Also present is an
internal 14 Volt Low-Dropout Regulator (LDO) to power the amplifiers and output stage, as well as a reference
divider resistor string to allow the setting of the reference level.
As seen in Figure 18, the current flowing through RSENSE develops a voltage drop called VSENSE. The voltage
across the sense resistor, VSENSE, is then applied to the input RSP and RSN pins of the amplifier.
Internally, the voltage on each input pin is converted to a current by the internal precision thin-film input resistors
RGP and RGN. A second set of much higher value VCM sense resistors between the inputs provide a sample of
the input common-mode voltage for internal use by the differential amplifier.
VSENSE is applied to the differential amplifier through RGP and RGN. These resistors change the input voltage to a
differential current. The differential amplifier then servos the resistor currents through the MOSFETs to maintain
a zero balance across the differential amplifier inputs.
With no input signal present, the currents in RGP and RGN are equal. When a signal is applied to VSENSE, the
current through RGP and RGN are imbalanced and are no longer equal. The amplifier then servos the MOSFETS
to correct this current imbalance, and the extra current required to balance the input currents is then reflected
down into the two lower 400-k
Ω “tail” resistors. The difference in the currents into the tail resistors is therefore
proportional to the amplitude and polarity of VSENSE. The tail resistors, being larger than the input resistors for the
same current, then provide voltage gain by changing the current into a proportionally larger voltage. The gain of
the first stage is then set by the tail resistor value divided by RG value.
The differential amplifier stage then samples the voltage difference across the two 400-k
Ω tail resistors and also
applies a further gain-of-five and output level-shifting according to the applied reference voltage (VREF).
The resulting output of the amplifier will be equal to the differential input voltage times the gain of the device, plus
any voltage value applied to the two VREF pins.
The resistor values in the schematic are ideal values for clarity and understanding. Table 1 shows the actual
values used that account for parallel combinations and loading. This table can be used for calculating the effects
of any additional external resistance.
The LMP8480 is identical to the LMP8481, except that both the VREF pins are grounded internally.
Table 1. Actual Internal Resistor Values
RGP and RGN
RVCMSENSE
RTAIL
Differential Amp FB
VREFx Resistors
Gain Option
(each)
(each)
(each)
(each)
(each)
20x
98.38 k
491.9 k
393.52 k
1967.6 k
98.38 k
60x
32.793 k
172.165 k
393.52 k
1967.6 k
98.38 k
100x
19.676 k
98.38 k
393.52 k
1967.6 k
98.38 k
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com