Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM35CZ/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM35CZ/NOPB
Description  Precision Centigrade Temperature Sensors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35CZ/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM35CZ/NOPB Datasheet HTML 1Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 2Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 3Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 4Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 5Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 6Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 7Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 8Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LM35
www.ti.com
SNIS159F – AUGUST 1999 – REVISED JANUARY 2016
6.5 Electrical Characteristics: LM35A, LM35CA Limits
Unless otherwise noted, these specifications apply:
−55°C ≤ TJ ≤ 150°C for the LM35 and LM35A; −40°C ≤ TJ ≤ 110°C for the
LM35C and LM35CA; and 0°C
≤ TJ ≤ 100°C for the LM35D. VS = 5 Vdc and ILOAD = 50 μA, in the circuit of Full-Range
Centigrade Temperature Sensor. These specifications also apply from 2°C to TMAX in the circuit of Figure 14.
LM35A
LM35CA
PARAMETER
TEST CONDITIONS
UNIT
TYP
TESTED
DESIGN
TYP
TESTED
DESIGN
LIMIT(1)
LIMIT(2)
LIMIT(1)
LIMIT(2)
TA = 25°C
±0.2
±0.5
±0.2
±0.5
TA = –10°C
±0.3
±0.3
±1
Accuracy(3)
°C
TA = TMAX
±0.4
±1
±0.4
±1
TA = TMIN
±0.4
±1
±0.4
±1.5
TMIN ≤ TA ≤ TMAX,
Nonlinearity(4)
±0.18
±0.35
±0.15
±0.3
°C
–40°C
≤ TJ ≤ 125°C
TMIN ≤ TA ≤ TMAX
10
9.9
10
9.9
Sensor gain
mV/°C
(average slope)
–40°C
≤ TJ ≤ 125°C
10
10.1
10
10.1
TA = 25°C
±0.4
±1
±0.4
±1
Load regulation(5)
mV/mA
TMIN ≤ TA ≤ TMAX,
0
≤ IL ≤ 1 mA
±0.5
±3
±0.5
±3
–40°C
≤ TJ ≤ 125°C
TA = 25°C
±0.01
±0.05
±0.01
±0.05
Line regulation(5)
mV/V
4 V
≤ VS ≤ 30 V,
±0.02
±0.1
±0.02
±0.1
–40°C
≤ TJ ≤ 125°C
VS = 5 V, 25°C
56
67
56
67
VS = 5 V, –40°C ≤ TJ ≤ 125°C
105
131
91
114
Quiescent current(6)
µA
VS = 30 V, 25°C
56.2
68
56.2
68
VS = 30 V, –40°C ≤ TJ ≤ 125°C
105.5
133
91.5
116
4 V
≤ VS ≤ 30 V, 25°C
0.2
1
0.2
1
Change of quiescent
µA
4 V
≤ VS ≤ 30 V,
current(5)
0.5
2
0.5
2
–40°C
≤ TJ ≤ 125°C
Temperature
coefficient of
–40°C
≤ TJ ≤ 125°C
0.39
0.5
0.39
0.5
µA/°C
quiescent current
Minimum temperature
In circuit of Figure 14, IL = 0
1.5
2
1.5
2
°C
for rate accuracy
Long term stability
TJ = TMAX, for 1000 hours
±0.08
±0.08
°C
(1)
Tested Limits are ensured and 100% tested in production.
(2)
Design Limits are ensured (but not 100% production tested) over the indicated temperature and supply voltage ranges. These limits are
not used to calculate outgoing quality levels.
(3)
Accuracy is defined as the error between the output voltage and 10 mv/°C times the case temperature of the device, at specified
conditions of voltage, current, and temperature (expressed in °C).
(4)
Non-linearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the rated
temperature range of the device.
(5)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(6)
Quiescent current is defined in the circuit of Figure 14.
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com