Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM35CZ/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM35CZ/NOPB
Description  Precision Centigrade Temperature Sensors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35CZ/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM35CZ/NOPB Datasheet HTML 1Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 2Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 3Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 4Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 5Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 6Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 7Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 8Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM35
+V
S
R1
V
OUT
tVS
LM35
+VS
(4 V to 20 V)
OUTPUT
0 mV + 10.0 mV/°C
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM35
SNIS159F – AUGUST 1999 – REVISED JANUARY 2016
LM35 Precision Centigrade Temperature Sensors
1 Features
3 Description
The LM35 series are precision integrated-circuit
1
•
Calibrated Directly in Celsius (Centigrade)
temperature devices with an output voltage linearly-
•
Linear + 10-mV/°C Scale Factor
proportional to the Centigrade temperature. The
•
0.5°C Ensured Accuracy (at 25°C)
LM35
device
has
an
advantage
over
linear
temperature sensors calibrated in Kelvin, as the user
•
Rated for Full
−55°C to 150°C Range
is not required to subtract a large constant voltage
•
Suitable for Remote Applications
from the output to obtain convenient Centigrade
•
Low-Cost Due to Wafer-Level Trimming
scaling. The LM35 device does not require any
external calibration or trimming to provide typical
•
Operates from 4 V to 30 V
accuracies of ±¼°C at room temperature and ±¾°C
•
Less than 60-
μA Current Drain
over a full
−55°C to 150°C temperature range. Lower
•
Low Self-Heating, 0.08°C in Still Air
cost is assured by trimming and calibration at the
•
Non-Linearity Only ±¼°C Typical
wafer level. The low-output impedance, linear output,
and precise inherent calibration of the LM35 device
•
Low-Impedance Output, 0.1
Ω for 1-mA Load
makes interfacing to readout or control circuitry
especially easy. The device is used with single power
2 Applications
supplies, or with plus and minus supplies. As the
•
Power Supplies
LM35 device draws only 60
μA from the supply, it has
very low self-heating of less than 0.1°C in still air. The
•
Battery Management
LM35 device is rated to operate over a
−55°C to
•
HVAC
150°C temperature range, while the LM35C device is
•
Appliances
rated for a
−40°C to 110°C range (−10° with
improved accuracy). The LM35-series devices are
available
packaged
in
hermetic
TO
transistor
packages, while the LM35C, LM35CA, and LM35D
devices are available in the plastic TO-92 transistor
package. The LM35D device is available in an 8-lead
surface-mount small-outline package and a plastic
TO-220 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TO-CAN (3)
4.699 mm × 4.699 mm
TO-92 (3)
4.30 mm × 4.30 mm
LM35
SOIC (8)
4.90 mm × 3.91 mm
TO-220 (3)
14.986 mm × 10.16 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Basic Centigrade Temperature Sensor
Full-Range Centigrade Temperature Sensor
(2°C to 150°C)
Choose R1 = –VS / 50 µA
VOUT = 1500 mV at 150°C
VOUT = 250 mV at 25°C
VOUT = –550 mV at –55°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM35CZ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM35CZ/NOPB TI1-LM35CZ/NOPB Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM35CZ/NOPB TI1-LM35CZ/NOPB Datasheet
1Mb / 29P
LM35 Precision Centigrade Temperature Sensors
More results

Similar Description - LM35CZ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM45B NSC-LM45B Datasheet
195Kb / 8P
SOT-23 Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35 Datasheet
348Kb / 15P
LM35 Precision Centigrade Temperature Sensors
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM35CZ TI1-LM35CZ Datasheet
1Mb / 29P
LM35 Precision Centigrade Temperature Sensors
LM35 TI-LM35_15 Datasheet
2Mb / 32P
LM35 Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com