Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM35CZ/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM35CZ/NOPB
Description  Precision Centigrade Temperature Sensors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35CZ/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM35CZ/NOPB Datasheet HTML 9Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 10Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 11Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 12Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 13Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 14Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 15Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 16Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
.125 R2
VOUT = 10 mV/°C
+
+VS
R2
A2
A1
V0
nR1
i
8.8 mV/°C
nR1
Q1
Q2
10E
E
1.38 VPTAT
LM35
www.ti.com
SNIS159F – AUGUST 1999 – REVISED JANUARY 2016
7 Detailed Description
7.1 Overview
The LM35-series devices are precision integrated-circuit temperature sensors, with an output voltage linearly
proportional to the Centigrade temperature. The LM35 device has an advantage over linear temperature sensors
calibrated in Kelvin, as the user is not required to subtract a large constant voltage from the output to obtain
convenient Centigrade scaling. The LM35 device does not require any external calibration or trimming to provide
typical accuracies of ± ¼ °C at room temperature and ± ¾ °C over a full
−55°C to 150°C temperature range.
Lower cost is assured by trimming and calibration at the wafer level. The low output impedance, linear output,
and precise inherent calibration of the LM35 device makes interfacing to readout or control circuitry especially
easy. The device is used with single power supplies, or with plus and minus supplies. As the LM35 device draws
only 60
μA from the supply, it has very low self-heating of less than 0.1°C in still air. The LM35 device is rated to
operate over a
−55°C to 150°C temperature range, while the LM35C device is rated for a −40°C to 110°C range
(
−10° with improved accuracy). The temperature-sensing element is comprised of a delta-V BE architecture.
The temperature-sensing element is then buffered by an amplifier and provided to the VOUT pin. The amplifier
has a simple class A output stage with typical 0.5-
Ω output impedance as shown in the Functional Block
Diagram. Therefore the LM35 can only source current and it's sinking capability is limited to 1
μA.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 LM35 Transfer Function
The accuracy specifications of the LM35 are given with respect to a simple linear transfer function:
VOUT = 10 mv/°F × T
where
•
VOUT is the LM35 output voltage
•
T is the temperature in °C
(1)
7.4 Device Functional Modes
The only functional mode of the LM35 is that it has an analog output directly proportional to temperature.
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com