Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1111 Datasheet(PDF) 1 Page - ams AG

Part # AS1111
Description  Low?밆ropout LED Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1111 Datasheet(HTML) 1 Page - ams AG

  AS1111 Datasheet HTML 1Page - ams AG AS1111 Datasheet HTML 2Page - ams AG AS1111 Datasheet HTML 3Page - ams AG AS1111 Datasheet HTML 4Page - ams AG AS1111 Datasheet HTML 5Page - ams AG AS1111 Datasheet HTML 6Page - ams AG AS1111 Datasheet HTML 7Page - ams AG AS1111 Datasheet HTML 8Page - ams AG AS1111 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ams Datasheet
Page 1
[v1-06] 2015-Apr-07
Document Feedback
AS1111
Low–Dropout LED Drivers
The AS1111A/AS1111B/AS1111C are LED drivers designed to
match current source bias for any color LED, including white
and blue. The devices can drive up to 4 high-current LEDs, and
the LED current is programmable using an external resistor
(RSET).
The AS1111A LED currents are 460 x ISET (per LED, typ) at an LED
cathode voltage (VSAT) of 150mV and 650 x ISET (typ) at a VSAT
of 1V, where ISET is the current through RSET connected to pin
CTRL.
The AS1111B & AS1111C LED currents are
230 x ISET (per LED, typ) at a VSAT of 150mV and 325 x ISET (typ)
at a VSAT of 1V.
All AS1111 versions incorporate a chip-enable feature via pin
EN. When the devices are disabled, the supply current drops
down to less than 1
μA. The AS1111A and AS1111B are available
in a 6-pin WL-CSP package with 0.4mm pitch. The AS1111C is
available in an 8-pin MLPD (2x2mm) package with 0.5mm pitch.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS1111, Low–Dropout LED Drivers
are listed below:
Figure 1:
Added Value of Using AS1111
Benefits
Features
High efficient
• Ultra Low Voltage Drop: less than 150mV
Supports a variety of end applications
• Analog and PWM Brightness Control
• Up to 80mA per LED (AS1111A)
• Up to 40mA per LED (AS1111B, AS1111C)
Extended battery life
• Active-Low Shutdown Mode
• Low Shutdown Current: less than 1
μA
Suitable for EMF sensitive environment
• No electromagnetic interference
• No switching noise
Small PCB area
• Less external components needed
Cost effective, small package
• 6-pin WL-CSP with 0.4mm pitch
• 8-pin MLPD (2x2mm) with 0.5mm pitch
General Description


Similar Part No. - AS1111

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS1111 AMSOSRAM-AS1111 Datasheet
1Mb / 23P
Low–Dropout LED Drivers
v1-06 2015-Apr-07
logo
ams AG
AS1111A AMSCO-AS1111A Datasheet
927Kb / 10P
This document describes the AS1111A Evaluation Kit
logo
ams-OSRAM AG
AS1111A-BWLT AMSOSRAM-AS1111A-BWLT Datasheet
1Mb / 23P
Low–Dropout LED Drivers
v1-06 2015-Apr-07
AS1111B-BWLT AMSOSRAM-AS1111B-BWLT Datasheet
1Mb / 23P
Low–Dropout LED Drivers
v1-06 2015-Apr-07
logo
ams AG
AS1111C AMSCO-AS1111C Datasheet
759Kb / 10P
This document describes the AS1111C Evaluation Kit
More results

Similar Description - AS1111

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1101 AMSCO-AS1101 Datasheet
256Kb / 13P
Low-Dropout LED Drivers
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
Low-Dropout LED Drivers
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
Low-Dropout LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
LED Drivers
logo
XP Power Limited
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
LED Drivers
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com