Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1111 Datasheet(PDF) 17 Page - ams AG

Part # AS1111
Description  Low?밆ropout LED Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1111 Datasheet(HTML) 17 Page - ams AG

Back Button AS1111 Datasheet HTML 13Page - ams AG AS1111 Datasheet HTML 14Page - ams AG AS1111 Datasheet HTML 15Page - ams AG AS1111 Datasheet HTML 16Page - ams AG AS1111 Datasheet HTML 17Page - ams AG AS1111 Datasheet HTML 18Page - ams AG AS1111 Datasheet HTML 19Page - ams AG AS1111 Datasheet HTML 20Page - ams AG AS1111 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ams Datasheet
Page 17
[v1-06] 2015-Apr-07
Document Feedback
AS1111 − Ordering & Contact Information
Figure 23:
Ordering Information
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Marking
Description
Delivery Form
Package
AS1111A-BWLT
CY
Dual LED driver with enable and
80mA LED current per channel
Tape & Reel
6-pin WL-CSP
0.4mm pitch
AS1111B-BWLT
CZ
Triple LED driver with enable and
40mA LED current per channel
Tape & Reel
6-pin WL-CSP
0.4mm pitch
AS1111C-BDFT
AAR
Quad LED driver with enable and
40mA LED current per channel
Tape & Reel
MLPD-8lead
(2mm x 2mm)
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com