Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1111 Datasheet(PDF) 13 Page - ams AG

Part # AS1111
Description  Low?밆ropout LED Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1111 Datasheet(HTML) 13 Page - ams AG

Back Button AS1111 Datasheet HTML 9Page - ams AG AS1111 Datasheet HTML 10Page - ams AG AS1111 Datasheet HTML 11Page - ams AG AS1111 Datasheet HTML 12Page - ams AG AS1111 Datasheet HTML 13Page - ams AG AS1111 Datasheet HTML 14Page - ams AG AS1111 Datasheet HTML 15Page - ams AG AS1111 Datasheet HTML 16Page - ams AG AS1111 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ams Datasheet
Page 13
[v1-06] 2015-Apr-07
Document Feedback
AS1111 − Detailed Description
Setting of the LED Current
The current going into the LEDs is approximately OCMR times
greater than the current ISET. The LED current is controlled by
VSET and RSET according to the formula:
For VSET = 3V and a specific LED current, the value of RSET can
be determined using the graphs shown in Figure 12 and
Figure 13. For any other option, the value of ISET can be
determined using the graph in Figure 8.
LED brightness can also be adjusted by driving pin EN or pin
CTRL with a PWM signal.
Detailed Description
(EQ1)
ILED
OCMR
VSET VCTRL
RSET
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com