Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601-ASOT Datasheet(PDF) 21 Page - ams AG

Part # AS5601-ASOT
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601-ASOT Datasheet(HTML) 21 Page - ams AG

Back Button AS5601-ASOT Datasheet HTML 17Page - ams AG AS5601-ASOT Datasheet HTML 18Page - ams AG AS5601-ASOT Datasheet HTML 19Page - ams AG AS5601-ASOT Datasheet HTML 20Page - ams AG AS5601-ASOT Datasheet HTML 21Page - ams AG AS5601-ASOT Datasheet HTML 22Page - ams AG AS5601-ASOT Datasheet HTML 23Page - ams AG AS5601-ASOT Datasheet HTML 24Page - ams AG AS5601-ASOT Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
ams Datasheet
Page 21
[v1-02] 2014-Oct-29
Document Feedback
AS5601 − Register Description
ANGLE/RAW ANGLE Register
The RAW ANGLE register contains the unmodified angle. The
zero adjusted and filtered output value is available in the ANGLE
register.
STATUS Register
The STATUS register provides bits that indicate the current state
of the AS5601.
Figure 21:
STATUS Register
AGC Register
The AS5601 uses automatic gain control (AGC) in a closed loop
to compensate for variations of the magnetic field strength due
to changes of temperature, airgap between IC and magnet, and
magnet degradation. The AGC register indicates the gain. For
the most robust performance, the gain value should be in the
center of its range. The airgap of the physical system can be
adjusted to achieve this value.
MAGNITUDE Register
The MAGNITUDE register indicates the magnitude value of the
internal CORDIC output.
Non-Volatile Memory (OTP)
The non-volatile memory is used to permanently program the
configuration. To program the non-volatile memory, the I²C
interface is used. The programming can be either performed in
the 5V supply mode or in the 3.3V operation mode but using a
minimum supply voltage of 3.3V and a 10 μF capacitor at the
VDD3V3 pin to ground. This 10 μF capacitor is needed only
during the programming of the device. Two different
commands are used to permanently program the device:
Name
State When Bit is High
MH
AGC minimum gain overflow, magnet too strong
ML
AGC maximum gain overflow, magnet too weak
MD
Magnet was detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com