Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601-ASOT Datasheet(PDF) 26 Page - ams AG

Part # AS5601-ASOT
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601-ASOT Datasheet(HTML) 26 Page - ams AG

Back Button AS5601-ASOT Datasheet HTML 22Page - ams AG AS5601-ASOT Datasheet HTML 23Page - ams AG AS5601-ASOT Datasheet HTML 24Page - ams AG AS5601-ASOT Datasheet HTML 25Page - ams AG AS5601-ASOT Datasheet HTML 26Page - ams AG AS5601-ASOT Datasheet HTML 27Page - ams AG AS5601-ASOT Datasheet HTML 28Page - ams AG AS5601-ASOT Datasheet HTML 29Page - ams AG AS5601-ASOT Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-02] 2014-Oct-29
AS5601 − Register Description
Pushbutton Detection
The AS5601 implements a pushbutton detection function
through a dynamic and relative measurement of the orthogonal
magnetic field strength. This pushbutton detection function
drives the PUSH output pin high when the AS5601 detects a
fast increase of the magnetic field (decrease of the airgap
between the magnet and the AS5601). After a fast decrease of
the magnetic field, the PUSH output is driven low.
Figure 25:
Pushbutton Detection Function Specifications
Symbol
Parameter
Conditions
Min
Max
Unit
PUSHTHR
Magnetic field threshold
0
255
LSB
tpu_slope
Push slope time
500
ms
tpu_dur
Push duration time NOM,
LPM1
PM = 0X
10
10000
ms
Push duration time LPM2
PM = 10
40
10000
ms
Push duration time LPM3
PM = 11
150
10000
ms
tpu_relax
Time gap between two
consecutive pushes in
NOM, LPM1
PM = 0X
40
ms
Time gap between two
consecutive pushes in
LPM2
PM = 10
40
ms
Time gap between two
consecutive pushes in
LPM3
PM = 11
150
ms
tpu_min_pulse
Minimum duration of the
PUSH pulse
40
50
ms
tpu_recovery
Recovery time after a very
long pushbutton event
5000
ms
BTH_VAR
Push amplitude variation
-20
+20
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com