Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601-ASOT Datasheet(PDF) 34 Page - ams AG

Part # AS5601-ASOT
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601-ASOT Datasheet(HTML) 34 Page - ams AG

Back Button AS5601-ASOT Datasheet HTML 30Page - ams AG AS5601-ASOT Datasheet HTML 31Page - ams AG AS5601-ASOT Datasheet HTML 32Page - ams AG AS5601-ASOT Datasheet HTML 33Page - ams AG AS5601-ASOT Datasheet HTML 34Page - ams AG AS5601-ASOT Datasheet HTML 35Page - ams AG AS5601-ASOT Datasheet HTML 36Page - ams AG AS5601-ASOT Datasheet HTML 37Page - ams AG AS5601-ASOT Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-02] 2014-Oct-29
AS560 1 − Application Information
Mechanical Data
The internal Hall elements are located in the center of the
package on a circle with a radius of 1 mm.
Figure 36:
Hall Element Positions
Note(s) and/or Footnote(s):
1. All dimensions in mm.
2. Die thickness 356
μm nom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com