Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS-442 Datasheet(PDF) 13 Page - ams AG

Part # HLS-442
Description  Automotive Hydrogen Leak Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-442 Datasheet(HTML) 13 Page - ams AG

Back Button HLS-442 Datasheet HTML 9Page - ams AG HLS-442 Datasheet HTML 10Page - ams AG HLS-442 Datasheet HTML 11Page - ams AG HLS-442 Datasheet HTML 12Page - ams AG HLS-442 Datasheet HTML 13Page - ams AG HLS-442 Datasheet HTML 14Page - ams AG HLS-442 Datasheet HTML 15Page - ams AG HLS-442 Datasheet HTML 16Page - ams AG HLS-442 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ams Datasheet
Page 13
[v1-00] 2015-Mar-30
Document Feedback
HLS-442 − Specifications
Note(s) and/or Footnote(s):
1. These features depend upon the version of HLS-442. See figure below
Figure 14:
Specification of the Different Variants of HLS-442
Environmental
Operation temperature range
-40ºC to 85ºC
Storage temperature range
-50ºC to 85ºC
Humidity
5-95% (non-condensing)
Pressure
70-130 kPa
EMC
Automotive requirements
IP code
IP6K7
Mechanical
Dimensions (LxWxH)
82.2x42x17.3mm
Weight
50g
Material
PBT GF30
Filter membrane
Pall SUPOR 450R, 0.45 μm.
Description
Default
On Request
Start-up time
<5 s
CAN interface
Version 2.0 ISO 11898
n.a.
Programmable CAN ID
Pre-programmable on request
n.a.
CAN bit rate (kbit/s)
500
125
250
n.a.
PWM output
-
Yes
Description
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com