Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS-442 Datasheet(PDF) 4 Page - ams AG

Part # HLS-442
Description  Automotive Hydrogen Leak Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-442 Datasheet(HTML) 4 Page - ams AG

  HLS-442 Datasheet HTML 1Page - ams AG HLS-442 Datasheet HTML 2Page - ams AG HLS-442 Datasheet HTML 3Page - ams AG HLS-442 Datasheet HTML 4Page - ams AG HLS-442 Datasheet HTML 5Page - ams AG HLS-442 Datasheet HTML 6Page - ams AG HLS-442 Datasheet HTML 7Page - ams AG HLS-442 Datasheet HTML 8Page - ams AG HLS-442 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-00] 2015-Mar-30
HLS-442 − General Description
Installation
The HLS-442 is designed for either a sealed installation against
a wall (using a gasket) [Alt. 1] or an open-air [Alt. 2] installation.
The sensor can be oriented in any direction but the gas inlet
must not be blocked.
Retaining pins or bolts shall be max Ø5.5 mm.
Maximum mounting torque 10 Nm.
Figure 4:
Mounting Positions
Alt. 1
Alt. 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com