Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS-442 Datasheet(PDF) 6 Page - ams AG

Part # HLS-442
Description  Automotive Hydrogen Leak Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-442 Datasheet(HTML) 6 Page - ams AG

Back Button HLS-442 Datasheet HTML 2Page - ams AG HLS-442 Datasheet HTML 3Page - ams AG HLS-442 Datasheet HTML 4Page - ams AG HLS-442 Datasheet HTML 5Page - ams AG HLS-442 Datasheet HTML 6Page - ams AG HLS-442 Datasheet HTML 7Page - ams AG HLS-442 Datasheet HTML 8Page - ams AG HLS-442 Datasheet HTML 9Page - ams AG HLS-442 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-00] 2015-Mar-30
HLS-442 − Electrical Inter face
CAN Bus Interface
This section describes the CAN bus interface that is available in
some variants of HLS-442.
Physical Interface
The physical interface is two-wire balanced, non-terminated. It
is a high speed CAN interface (ISO 11898-2) with bus bit rate of
125, 250 or 500 kBit/s, depending on the variant of HLS-442.
Bus Identification
Each sensor and the control unit are identified on the bus by
the CAN identity, CAN ID. The CAN ID is transmitted in the CAN
data frame arbitration field. For the sensors the CAN ID is
determined by the configuration of the power supply feeds,
UB0 (pin 3), UB1 (pin 4) and UB2 (pin 5). The table below defines
the sensor’s CAN ID, VB denotes a power input connected to
supply voltage level. Addresses are given in hexadecimal
numbers and denoted with a leading “0x”.
Figure 7:
Overview CAN ID Assignment By Power Supply Feeds
UB2
UB1
UB0
Sensor Number
CAN ID
VB
1
0x640
VB
2
0x648
VB
VB
3
0x650
VB
4
0x658
VB
VB
5
0x660
VB
VB
6
0x668
VB
VB
VB
7
0x670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com