Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34907FN Datasheet(PDF) 8 Page - ams AG

Part # TCS34907FN
Description  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34907FN Datasheet(HTML) 8 Page - ams AG

Back Button TCS34907FN Datasheet HTML 4Page - ams AG TCS34907FN Datasheet HTML 5Page - ams AG TCS34907FN Datasheet HTML 6Page - ams AG TCS34907FN Datasheet HTML 7Page - ams AG TCS34907FN Datasheet HTML 8Page - ams AG TCS34907FN Datasheet HTML 9Page - ams AG TCS34907FN Datasheet HTML 10Page - ams AG TCS34907FN Datasheet HTML 11Page - ams AG TCS34907FN Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-09] 2016-Jan-11
TCS3490 − Timing Characteristics
The timing characteristics of TCS3490 are given below.
Figure 12:
AC Electrical Characteristics, VDD = 3V, TA = 25°C (unless otherwise noted)
Note(s) and/or Footnote(s):
1. Specified by design and characterization; not production tested.
Timing Diagram
Figure 13:
Parameter Measurement Information
Parameter(1)
Conditions
Min
Max
Unit
fSCL
Clock frequency (I²C only)
0
400
kHz
tBUF
Bus free time between start and stop condition
1.3
μs
tHD;STA
Hold time after (repeated) start condition.
After this period, the first clock is generated.
0.6
μs
tSU;STA
Repeated start condition setup time
0.6
μs
tSU;STO
Stop condition setup time
0.6
μs
tHD;DAT
Data hold time
60
ns
tSU;DAT
Data setup time
100
ns
tLOW
SCL clock low period
1.3
μs
tHIGH
SCL clock high period
0.6
μs
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF
Timing Characteristics
START
START
STOP
STOP
tBUF
tLOW
tHD; STA
tR
tF
VIH
VIL
VIH
VIL
tSU; DAT
tSU; STA
tHD; DAT
tHIGH
tSU; STO
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com