Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34907FN Datasheet(PDF) 29 Page - ams AG

Part # TCS34907FN
Description  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34907FN Datasheet(HTML) 29 Page - ams AG

Back Button TCS34907FN Datasheet HTML 25Page - ams AG TCS34907FN Datasheet HTML 26Page - ams AG TCS34907FN Datasheet HTML 27Page - ams AG TCS34907FN Datasheet HTML 28Page - ams AG TCS34907FN Datasheet HTML 29Page - ams AG TCS34907FN Datasheet HTML 30Page - ams AG TCS34907FN Datasheet HTML 31Page - ams AG TCS34907FN Datasheet HTML 32Page - ams AG TCS34907FN Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
ams Datasheet
Page 29
[v1-09] 2016-Jan-11
Document Feedback
TCS3490 − Ordering & Contact Information
The device is packaged in a small OFN (Optical FN) package
which is 2mm x 2.4mm.
Figure 39:
Ordering Information
Note(s) and/or Footnote(s):
1. Contact ams for availability.
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Address
Interface
Delivery Form
TCS34901FN (1)
0x39
I²C VBUS = VDD Interface
FN-6
TCS34903FN
0x39
I²C bus = 1.8V Interface
FN-6
TCS34905FN (1)
0x29
I²C VBUS = VDD Interface
FN-6
TCS34907FN
0x29
I²C bus = 1.8V Interface
FN-6
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com