Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34907FN Datasheet(PDF) 20 Page - ams AG

Part # TCS34907FN
Description  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34907FN Datasheet(HTML) 20 Page - ams AG

Back Button TCS34907FN Datasheet HTML 16Page - ams AG TCS34907FN Datasheet HTML 17Page - ams AG TCS34907FN Datasheet HTML 18Page - ams AG TCS34907FN Datasheet HTML 19Page - ams AG TCS34907FN Datasheet HTML 20Page - ams AG TCS34907FN Datasheet HTML 21Page - ams AG TCS34907FN Datasheet HTML 22Page - ams AG TCS34907FN Datasheet HTML 23Page - ams AG TCS34907FN Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-09] 2016-Jan-11
TCS3490 − Register Description
ID Register (ID 0x92)
The read-only ID register provides the device identification.
Figure 28:
ID Register
Status Register (STATUS 0x93)
The read-only Status Register provides the internal status of the
device.
Figure 29:
Status Register
7
6
5
4
3
2
1
0
ID
VID
Field
Bits
Description
ID
7:2
Device Identification = 100001
VID
1:0
00b for TCS34901 & TCS34905
11b for TCS34903 & TCS34907
7
6
5
4
3
2
1
0
ASAT
Reserved
AINT
Reserved
AVALID
Field
Bits
Description
ASAT
7
ALS Saturation. When asserted, the analog sensor was at the upper
end of its dynamic range. The bit can be de-asserted by sending a clear
channel interrupt command (0xE6 CICLEAR) or by disabling the ALS
ADC (AEN=0). ATIME and AGAIN are controls that can be adjusted to set
when saturation happens. This bit triggers an interrupt if ASIEN in AUX
is set.
Reserved
6:5
Reserved.
AINT
4
ALS Interrupt. If AEN is set, indicates that an ALS event that met the
programmed ALS thresholds (AILT or AIHT) and persistence (APERS)
occurred.
Reserved
3:1
Reserved.
AVALID
0
RGBC Valid. Indicates that the RGBC cycle has completed since AEN
was asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com