Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27721 Datasheet(PDF) 4 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 4 Page - ams AG

  TMD27721 Datasheet HTML 1Page - ams AG TMD27721 Datasheet HTML 2Page - ams AG TMD27721 Datasheet HTML 3Page - ams AG TMD27721 Datasheet HTML 4Page - ams AG TMD27721 Datasheet HTML 5Page - ams AG TMD27721 Datasheet HTML 6Page - ams AG TMD27721 Datasheet HTML 7Page - ams AG TMD27721 Datasheet HTML 8Page - ams AG TMD27721 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
Page 4
ams Datasheet, Confidential
Document Feedback
[v1-20] 2014-Jul-21
TMD2772/ TMD2772WA − Pin Assignment
This is a Package Module - 8 pin diagram. Package drawing is
not to scale.
Figure 4:
Pin Diagram (Top View)
Figure 5:
Pin Description
Pin Number
Pin Name
Pin Type
Description
1
VDD
Power
Supply voltage.
2SCL
Input
I²C serial clock input terminal — clock signal for I²C
serial data.
3
GND
Power
Power supply ground. All voltages are referenced
to GND.
4
LEDA
LED anode.
5LEDK
LED cathode. Connect to LDR pin when using
internal LED driver circuit.
6LDR
LED driver input for proximity IR LED, constant
current source LED driver.
7
INT
Output
Interrupt — open drain (active low).
8
SDA
Input / Output
I²C serial data I/O terminal — serial data I/O for I²C.
Pin Assignment
TMD2772
TMD2772WA
8
SDA
7
INT
6
LDR
5 LEDK
VDD
1
SCL
2
GND 3
LEDA 4
VDD
1
SCL
2
GND 3
LEDA 4
8
SDA
7
INT
6
LDR
5 LEDK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com