Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27721 Datasheet(PDF) 44 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 44 Page - ams AG

Back Button TMD27721 Datasheet HTML 40Page - ams AG TMD27721 Datasheet HTML 41Page - ams AG TMD27721 Datasheet HTML 42Page - ams AG TMD27721 Datasheet HTML 43Page - ams AG TMD27721 Datasheet HTML 44Page - ams AG TMD27721 Datasheet HTML 45Page - ams AG TMD27721 Datasheet HTML 46Page - ams AG TMD27721 Datasheet HTML 47Page - ams AG TMD27721 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
Page 44
ams Datasheet, Confidential
Document Feedback
[v1-20] 2014-Jul-21
TMD2772/ TMD2772WA − Application Information
LED Driver Pin with Proximity Detection
In a proximity sensing system, the included IR LED can be pulsed
with more than 100 mA of rapidly switching current, therefore,
a few design considerations must be kept in mind to get the
best performance. The key goal is to reduce the power supply
noise coupled back into the device during the LED pulses.
Averaging of multiple proximity samples is recommended to
reduce the proximity noise.
The first recommendation is to use two power supplies; one for
the device VDD and the other for the IR LED. In many systems,
there is a quiet analog supply and a noisy digital supply. By
connecting the quiet supply to the VDD pin and the noisy supply
to the LEDA pin, the key goal can be met. Place a 1μF low-ESR
decoupling capacitor as close as possible to the VDD pin and
another at the LEDA pin, and at least 10μF of bulk capacitance
to supply the 100mA current surge. This may be distributed as
two 4.7μF capacitors.
Figure 50:
Proximity Sensing Using Separate Power Supplies
If it is not possible to provide two separate power supplies, the
device can be operated from a single supply. A 22Ω resistor in
series with the VDD supply line and a 1μF low ESR capacitor
effectively filter any power supply noise. The previous capacitor
placement considerations apply.
Application Information
1µF
VBUS
RP
RP
RPI
1µF
Voltage
Regulator
Voltage
Regulator
TMD2772
Or
TMD2772WA
VDD
GND
LDR
INT
SCL
SDA
LEDA
LEDK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com