Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27721 Datasheet(PDF) 5 Page - ams AG

Part # TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 5 Page - ams AG

  TMD27721 Datasheet HTML 1Page - ams AG TMD27721 Datasheet HTML 2Page - ams AG TMD27721 Datasheet HTML 3Page - ams AG TMD27721 Datasheet HTML 4Page - ams AG TMD27721 Datasheet HTML 5Page - ams AG TMD27721 Datasheet HTML 6Page - ams AG TMD27721 Datasheet HTML 7Page - ams AG TMD27721 Datasheet HTML 8Page - ams AG TMD27721 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
ams Datasheet, Confidential
Page 5
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating”
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under “Operating
Conditions” is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 6:
Absolute Maximum Ratings
Note(s) and/or Footnote(s):
1. All voltages are with respect to GND.
2. Maximum voltage with LDR = off.
3. Maximum 4.8V DC over 7 years lifetime. Maximum 5.0V spikes with up to 250s cumulative duration over 7 years lifetime. Maximum
5.5V spikes with up to 10s (=1000* 10ms) cumulative duration over 7 years lifetime.
Symbol
Parameter
Min
Max
Unit
VDD
(1)
Supply Voltage
3.8
V
VLDR
(2)
Voltage on LDR signal with LDR = off.
•TA between 0-70° C
•TA outside of 0-70° C
4.8
4.4
V
VLEDA
(3)
LED supply voltage on LEDA input
•TA between 0-70° C
•TA outside of 0-70° C
4.8
4.4
V
Digital I/O Voltage except LDR
-0.5
3.8
Output terminal current except LDR
-1
20
mA
Tstg
Storage temperature range
-40
85
°C
ESD tolerance, Human Body Model
2000
V
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com