Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R521-M101 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # V23832-R521-M101
Description  PAROLI 2 Tx AC, 1.6 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R521-M101 Datasheet(HTML) 1 Page - Infineon Technologies AG

  V23832-R521-M101 Datasheet HTML 1Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 2Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 3Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 4Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 5Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 6Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 7Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 8Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Data Sheet
1
2003-11-19
Parallel Optical Link Transmitter:
PAROLI
® 2 Tx AC, 1.6 Gbit/s
Parallel Optical Link Receiver:
PAROLI
® 2 Rx AC, 1.6 Gbit/s
File: 3104
Fiber Optics
PAROLI
® is a registered trademark of Infineon Technologies AG
V23832-T2131-M101
V23832-R121-M101
Design Benefits
• Relieve system bandwidth bottle necks
• Simplifies system design
• Enables system upgrades in field
• Low power consumption at increased board density
• Flat package for height critical application
Features
• Infineon’s highly reliable 850 nm VCSEL technology
• Power supply 3.3 V
• Transmitter with multistandard electrical interface
• Receiver with LVDS electrical interface
• 12 electrical data channels
• Asynchronous, AC-coupled optical link
• 12 optical data channels
• Internal power monitoring for constant power budget
• Transmission data rate of up to 1600 Mbit/s per channel,
total link data rate up to 19 Gbit/s
• PIN diode array technology
• Optimized for 62.5 µm multimode graded index fiber
• MT based optical port (MPO connector)
• Plug-in module with ultra low profile
• IEC Class 1M laser eye safety compliant
• GBE mask compliant modules available
• EMI-shielding for front panel access
• Standard link length compliant
• Unused transmitter channels can be switched off
• DC or AC coupling of input data
• Telcordia compliant


Similar Part No. - V23832-R521-M101

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23832-R521-M101 INFINEON-V23832-R521-M101 Datasheet
668Kb / 30P
PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
V23832-R521-M101 INFINEON-V23832-R521-M101 Datasheet
709Kb / 33P
PAROLI 2 Tx AC, 1.25 Gbit/s
2003-11-19
More results

Similar Description - V23832-R521-M101

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8034 TRIQUINT-TQ8034 Datasheet
349Kb / 16P
1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
logo
Infineon Technologies A...
V23814-K1306-M136 INFINEON-V23814-K1306-M136 Datasheet
610Kb / 27P
PAROLI Tx AC, 1.25 Gbit/s
2001-12-01
V23814-U1306-M136 INFINEON-V23814-U1306-M136 Datasheet
748Kb / 29P
PAROLI Tx AC, 1.6 Gbit/s
2002-05-14
V23832-T2431-M101 INFINEON-V23832-T2431-M101 Datasheet
668Kb / 30P
PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
V23832-T2531-M101 INFINEON-V23832-T2531-M101 Datasheet
709Kb / 33P
PAROLI 2 Tx AC, 1.25 Gbit/s
2003-11-19
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
2.5 Gbit/s Transimpedance Amplifier
July 1998
V23815-U1306-MXXX INFINEON-V23815-U1306-MXXX Datasheet
168Kb / 9P
Parallel Optical Link: PAROLI T X AC, 1.6 Gbit/s
SEPTEMBER 1999
logo
Vectron International, ...
C5315 VECTRON-C5315 Datasheet
93Kb / 4P
2, 5, 10 Gbit/s standard Sonet / SDH
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
Elite Semiconductor Mem...
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com